Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR604 Datasheet(PDF) 6 Page - Formosa MS

Part # FR604
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR604 Datasheet(HTML) 6 Page - Formosa MS

  FR604 Datasheet HTML 1Page - Formosa MS FR604 Datasheet HTML 2Page - Formosa MS FR604 Datasheet HTML 3Page - Formosa MS FR604 Datasheet HTML 4Page - Formosa MS FR604 Datasheet HTML 5Page - Formosa MS FR604 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FR601 THRU FR607
DS-222223
2009/02/10
2010/03/10
C
6
Axial Leaded Fast Recovery Rectifiers
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
6. Forward Operation Life
7. Intermittent Operation Life
8. Pressure Cooker
9. Temperature Cycling
10. Forward Surge
11. Humidity
12. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
2.0kg in axial lead direction for 10 sec.
IF=IO
2.0kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times
o
V =80% rate at T =125 C for 168 hrs.
R
J
o
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min,
on and off for 500 cycles.
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave one surge.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-202F
METHOD-211A
MIL-STD-202F
METHOD-211A
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference


Similar Part No. - FR604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR604 WTE-FR604 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR604 MCC-FR604 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
FR604 TSC-FR604 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR604 CHONGQING-FR604 Datasheet
178Kb / 1P
   6.0AMPS. FAST RECOVERY RECTIFIERS
logo
RFE international
FR604 RFE-FR604 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
More results

Similar Description - FR604

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101G FORMOSA-FR101G_17 Datasheet
107Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com