Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR206G Datasheet(PDF) 3 Page - Formosa MS

Part # FR206G
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR206G Datasheet(HTML) 3 Page - Formosa MS

  FR206G Datasheet HTML 1Page - Formosa MS FR206G Datasheet HTML 2Page - Formosa MS FR206G Datasheet HTML 3Page - Formosa MS FR206G Datasheet HTML 4Page - Formosa MS FR206G Datasheet HTML 5Page - Formosa MS FR206G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
0.1
1.0
.01
10
50
Rating and characteristic curves (FR201G THRU FR207G)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
140
120
100
80
60
40
20
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
T =25 C
J
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
0
AMBIENT TEMPERATURE,(°C)
FIG.1-TYPICAL FORWARD
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222221
2009/02/10
2010/03/11
C
6


Similar Part No. - FR206G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR206G RECTRON-FR206G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Zibo Seno Electronic En...
FR206G ZSELEC-FR206G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
FR206G DAESAN-FR206G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Sangdest Microelectroni...
FR206G SMC-FR206G Datasheet
177Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Jinan Gude Electronic D...
FR206G JGD-FR206G Datasheet
138Kb / 2P
   2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR206G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101G FORMOSA-FR101G_17 Datasheet
107Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR601 FORMOSA-FR601_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com