Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103G Datasheet(PDF) 3 Page - Formosa MS

Part # FR103G
Description  Axial Leaded Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR103G Datasheet(HTML) 3 Page - Formosa MS

  FR103G Datasheet HTML 1Page - Formosa MS FR103G Datasheet HTML 2Page - Formosa MS FR103G Datasheet HTML 3Page - Formosa MS FR103G Datasheet HTML 4Page - Formosa MS FR103G Datasheet HTML 5Page - Formosa MS FR103G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (FR101G THRU FR107G)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
10
100
Reverse Voltage, Volts
8.3mS single half sine-wave
(JEDEC Method)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
Ambient Temperature, TA
(°C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
100
10
1
Number of Cycles at 60 Hz
1.2
1.0
0.8
0.6
0.4
0.2
Fig. 3 - Typical Instantaneous Forward
Characteristics
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage, Volts
Fig. 5 - Typical Junction Capacitance
1.0
10
100
1
10
100
0.01
0.1
1.0
10
TJ=25°C
f=1.0MHz
Vsig=50mVp-p
TJ=25°C
pulse width=300μs
1% duty cycle
single phase half wave 60Hz
resistive or inductive load
Fig. 4 - Test Circuit Diagram and Reverse
Recovery Time Characteristic
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222214
2008/02/10
2010/03/10
C
6
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W


Similar Part No. - FR103G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
FR103G CHENDA-FR103G Datasheet
533Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
FR103G RECTRON-FR103G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
SMC Diode Solutions Co....
FR103G SMCDIODE-FR103G Datasheet
322Kb / 4P
   FR101G THRU FR107G FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Rev. A
logo
Taiwan Semiconductor Co...
FR103G TSC-FR103G Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR103G SECOS-FR103G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
More results

Similar Description - FR103G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933G FORMOSA-1N4933G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR101 FORMOSA-FR101_17 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151 FORMOSA-FR151_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR601 FORMOSA-FR601_17 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR151G FORMOSA-FR151G_17 Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com