Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMBT2222A Datasheet(PDF) 1 Page - Formosa MS

Part # FMBT2222A
Description  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222A Datasheet(HTML) 1 Page - Formosa MS

  FMBT2222A Datasheet HTML 1Page - Formosa MS FMBT2222A Datasheet HTML 2Page - Formosa MS FMBT2222A Datasheet HTML 3Page - Formosa MS FMBT2222A Datasheet HTML 4Page - Formosa MS FMBT2222A Datasheet HTML 5Page - Formosa MS FMBT2222A Datasheet HTML 6Page - Formosa MS FMBT2222A Datasheet HTML 7Page - Formosa MS FMBT2222A Datasheet HTML 8Page - Formosa MS FMBT2222A Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD NPN Transistor
Formosa MS
FMBT2222 / FMBT2222A
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231107
2008/02/10
2011/07/21
D
9
1
2
2
2
2
3~4
5~6
7
7
7
8
9
9
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
Mechanical data...............................................................................
Electrical Characteristics.................................................................


Similar Part No. - FMBT2222A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
   FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
   Dual NPN Epitaxial Planar Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
More results

Similar Description - FMBT2222A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
BC846A FORMOSA-BC846A Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com