Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM107-M Datasheet(PDF) 7 Page - Formosa MS

Part # FFM107-M
Description  Chip Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM107-M Datasheet(HTML) 7 Page - Formosa MS

  FFM107-M Datasheet HTML 1Page - Formosa MS FFM107-M Datasheet HTML 2Page - Formosa MS FFM107-M Datasheet HTML 3Page - Formosa MS FFM107-M Datasheet HTML 4Page - Formosa MS FFM107-M Datasheet HTML 5Page - Formosa MS FFM107-M Datasheet HTML 6Page - Formosa MS FFM107-M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
FFM101-M THRU FFM107-M
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121202
2008/02/10
2010/03/10
D
7
Chip Fast Recovery Rectifiers
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities


Similar Part No. - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
69Kb / 2P
   Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM107-M GXELECTRONICS-FFM107-M Datasheet
353Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM107-M FORMOSA-FFM107-M Datasheet
101Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
FFM107-M PACELEADER-FFM107-M Datasheet
210Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM107-M WINNERJOIN-FFM107-M Datasheet
150Kb / 2P
   Fast recovery type
More results

Similar Description - FFM107-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-S FORMOSA-FFM201-S Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301 FORMOSA-FFM301_17 Datasheet
97Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-BS FORMOSA-FFM201-BS Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-MH1 FORMOSA-FFM101-MH1 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com