Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXY8020A6T1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPXY8020A6T1
Description  Tire Pressure Monitoring Sensor Temperature Compensated
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8020A6T1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPXY8020A6T1 Datasheet HTML 3Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 4Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 5Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 6Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 7Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 8Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 9Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 10Page - Motorola, Inc MPXY8020A6T1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Sensor Devices
Freescale Semiconductor
7
MPXY8000
Figure 7. Temperature Error vs Temperature at VDD = 3.0 V
Table 5. Electrical Characteristics
+2.1 V
≤ V
DD ≤ +3.6 V, TL ≤ TA ≤ TH, unless otherwise specified.
Characteristic
Symbol
Min
Typ
Max
Units
Output High Voltage
DATA, OUT, RST (ILoad = 100 µA)
VOH
VDD 0.8
——
V
Output Low Voltage
DATA, OUT, RST (ILoad = -100 µA)
VOL
——
0.4
V
Input High Voltage
S0, S1, DATA, CLK
VIH
0.7 x VDD
——
V
Input Low Voltage
S0, S1, DATA, CLK
VIL
VSS
0.3 x VDD
V
Input Hysteresis (VIH — VIL)
S0, S1, DATA, CLK
VHYS
100
200
mV
Input Low Current (at VIL)
S0, S1, DATA, CLK
IIL
5
25
100
µA
Input High Current (at VIH)
S0, S1, DATA, CLK
IIH
5
35
140
µA (2)
Temperature Measurement (+2.5 V
≤ V
DD ≤ 3.0 V)
D/A Conversion Code at
40°C
D/A Conversion Code at
20°C
D/A Conversion Code at 25
°C
D/A Conversion Code at 70
°C
D/A Conversion Code at 100
°C
D/A Conversion Code at 120
°C
D/A Conversion Code at 125
°C
T40
T20
T25
T70
T100
T120
T125
36
52
97
155
204
241
249
42
57
102
163
214
252
255
47
62
107
171
224
255
255
counts
counts
counts
counts
counts
counts
counts
Temperature Measurement (+2.1 V
≤ V
DD ≤ 3.6 V)
D/A Conversion Code at
40°C
D/A Conversion Code at
20°C
D/A Conversion Code at 25
°C
D/A Conversion Code at 70
°C
D/A Conversion Code at 100
°C
D/A Conversion Code at 120
°C
D/A Conversion Code at 125
°C
T40
T20
T25
T70
T100
T120
T125
36
52
97
154
203
240
249
42
57
102
163
214
252
255
49
64
107
172
225
255
255
counts
counts
counts
counts
counts
counts
counts
Temperature Sensitivity at 25
°C
0.80
°C/bit
Approximate Temperature Output Response
OUT = 74.7461 + 0.9752 x Ta + 0.0041 x Ta^2
counts
0
1
2
3
4
5
6
7
8
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)


Similar Part No. - MPXY8020A6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A6T1 MOTOROLA-MPXY8020A6T1 Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A6T1 FREESCALE-MPXY8020A6T1 Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A6T1 FREESCALE-MPXY8020A6T1 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
More results

Similar Description - MPXY8020A6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com