Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5249B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBZ5249B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBZ5249B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBZ5249B Datasheet HTML 1Page - Fairchild Semiconductor MMBZ5249B Datasheet HTML 2Page - Fairchild Semiconductor MMBZ5249B Datasheet HTML 3Page - Fairchild Semiconductor MMBZ5249B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBZ5221B-MMBZ5257B, Rev. A1
Electrical Characteristics T
A=25°C unless otherwise noted
Device
Mark
VZ (V)
ZZ(Ω
Ω) @ I
Z (mA)
ZZK(Ω
Ω) @ I
ZK (mA)
IR
µµµA) @ V
R (V)
MMBZ5221B
MMBZ5223B
MMBZ5226B
MMBZ5227B
MMBZ5228B
MMBZ5229B
18A
18C
8A
8B
8C
8D
2.4
2.7
3.3
3.6
3.9
4.3
30
30
28
24
23
22
20
20
20
20
20
20
1,200
1,300
1,600
1,700
1,900
1,000
0.25
0.25
0.25
0.25
0.25
0.25
100
75
25
15
10
5.0
1.0
1.0
1.0
1.0
1.0
1.0
MMBZ5230B
MMBZ5231B
MMBZ5232B
MMBZ5233B
8E
8F
8G
8H
4.7
5.1
5.6
6.0
19
17
11
7.0
20
20
20
20
1,900
1,600
1,600
1,600
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
2.0
2.0
3.0
3.5
MMBZ5234B
MMBZ5235B
MMBZ5236B
MMBZ5237B
8J
8K
8L
8M
6.2
6.8
7.5
8.2
7.0
5.0
6.0
8.0
20
20
20
20
1,000
750
500
500
0.25
0.25
0.25
0.25
5.0
3.0
3.0
3.0
4.0
5.0
6.0
6.5
MMBZ5238B
MMBZ5239B
MMBZ5240B
MMBZ5241B
MMBZ5242B
8N
8P
8Q
8R
8S
8.7
9.1
10
11
12
8.0
10
17
22
30
20
20
20
20
20
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
3.0
3.0
3.0
2.0
1.0
6.5
7.0
8.0
8.4
8.1
MMBZ5243B
MMBZ5244B
MMBZ5245B
MMBZ5246B
MMBZ5247B
8T
8U
8V
8W
8X
13
14
15
16
17
13
15
16
17
19
9.5
9.0
8.5
7.8
7.4
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
500
100
100
100
100
9.9
10
11
12
13
VF Forward Voltage = 0.9V Maximum @ IF = 10mA for all MMBZ5200 series
Zeners
MMBZ5221B-MMBZ5257B
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle
operations.
Symbol
Parameter
Value
Units
PD
Power Dissipation
350
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+150
°C
Tolerance = 5%
1
2
3
SOT-23
CONNECTION
DIAGRAM
1
3
2 NC


Similar Part No. - MMBZ5249B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBZ5249B FAIRCHILD-MMBZ5249B Datasheet
204Kb / 6P
   Zeners
logo
Jiangsu Changjiang Elec...
MMBZ5249B JIANGSU-MMBZ5249B Datasheet
1Mb / 5P
   ZENER DIODE
logo
Shanghai Lunsure Electr...
MMBZ5249B CHENYI-MMBZ5249B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
Formosa MS
MMBZ5249B FORMOSA-MMBZ5249B Datasheet
555Kb / 8P
   Zener Diode
logo
Weitron Technology
MMBZ5249B WEITRON-MMBZ5249B Datasheet
268Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - MMBZ5249B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com