Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM301 Datasheet(PDF) 7 Page - Formosa MS

Part # FFM301
Description  Chip Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM301 Datasheet(HTML) 7 Page - Formosa MS

  FFM301_17 Datasheet HTML 1Page - Formosa MS FFM301_17 Datasheet HTML 2Page - Formosa MS FFM301_17 Datasheet HTML 3Page - Formosa MS FFM301_17 Datasheet HTML 4Page - Formosa MS FFM301_17 Datasheet HTML 5Page - Formosa MS FFM301_17 Datasheet HTML 6Page - Formosa MS FFM301_17 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
FFM301 THRU FFM307
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121208
2008/02/10
2010/03/10
D
7
Chip Fast Recovery Rectifiers
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
High reliability test capabilities


Similar Part No. - FFM301_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
   Chip Fast Recovery Rectifiers
logo
Rectron Semiconductor
FFM301B RECTRON-FFM301B Datasheet
177Kb / 9P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Shenzhen Foster Semicon...
FFM301CG FOSTER-FFM301CG Datasheet
2Mb / 3P
   Chip Silicon Rectifier
logo
Rectron Semiconductor
FFM301L RECTRON-FFM301L Datasheet
331Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
WILLAS ELECTRONIC CORP
FFM301L WILLAS-FFM301L Datasheet
581Kb / 4P
   3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
More results

Similar Description - FFM301_17

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-S FORMOSA-FFM201-S Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-M FORMOSA-FFM101-M_17 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-BS FORMOSA-FFM201-BS Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-MH1 FORMOSA-FFM101-MH1 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com