Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1050193 Datasheet(PDF) 2 Page - SICK AG

Part # 1050193
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050193 Datasheet(HTML) 2 Page - SICK AG

  1050193 Datasheet HTML 1Page - SICK AG 1050193 Datasheet HTML 2Page - SICK AG 1050193 Datasheet HTML 3Page - SICK AG 1050193 Datasheet HTML 4Page - SICK AG 1050193 Datasheet HTML 5Page - SICK AG 1050193 Datasheet HTML 6Page - SICK AG 1050193 Datasheet HTML 7Page - SICK AG 1050193 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S30B-2011GB | S300 Expert
SAFETY LASER SCANNERS
system plug not supplied with delivery
Ordering information
Type
Part no.
S30B-2011GB
1050193
The system plug has to be ordered separately. For details, see “Accessories”.
Other models and accessories
www.sick.com/S300_Expert
Detailed technical data
Features
Protective field range
2 m
Warning field range
8 m (at 15 % reflectivity)
Distance measuring range
30 m
Type of field set
Triple field sets
Number of field sets
16
Number of fields
48
Number of monitoring cases
32 1)
Scanning angle
270°
Resolution (can be configured)
30 mm, 40 mm, 50 mm, 70 mm
Angular resolution
0.5°
Response time
80 ms 2)
Protective field supplement
100 mm
Number of multiple samplings
2 ... 16, configurable
Delay of automatic reset
2 s ... 60 s, configurable
1) In combination with an additional static input via EFI or using the dynamic inputs on the device. Otherwise eight.
2) Depending on basic response time and multiple sampling.
Safety-related parameters
Type
Type 3 (IEC 61496)
Safety integrity level
SIL2 (IEC 61508)
SILCL2 (EN 62061)
Category
Category 3 (EN ISO 13849)
Performance level
PL d (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
8.0 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-05-23 16:45:04
Subject to change without notice


Similar Part No. - 1050193

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105019-0001 MOLEX11-105019-0001 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold (Au)
105019-0002 MOLEX11-105019-0002 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold
105019-0005 MOLEX11-105019-0005 Datasheet
243Kb / 4P
   0.50mm (.020") Pitch DisplayPort Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au) Flash Plating
105019-0006 MOLEX11-105019-0006 Datasheet
243Kb / 4P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, Gold (Au)
1050190001 MOLEX11-1050190001 Datasheet
244Kb / 4P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle, Right Angle, SMT, Reverse Type, 0.76um (30u") Gold (Au)
More results

Similar Description - 1050193

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com