Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1026820 Datasheet(PDF) 2 Page - SICK AG

Part # 1026820
Description  SAFETY LASER SCANNERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1026820 Datasheet(HTML) 2 Page - SICK AG

  1026820 Datasheet HTML 1Page - SICK AG 1026820 Datasheet HTML 2Page - SICK AG 1026820 Datasheet HTML 3Page - SICK AG 1026820 Datasheet HTML 4Page - SICK AG 1026820 Datasheet HTML 5Page - SICK AG 1026820 Datasheet HTML 6Page - SICK AG 1026820 Datasheet HTML 7Page - SICK AG 1026820 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S30B-2011BA | S300 Standard
SAFETY LASER SCANNERS
system plug not supplied with delivery
Ordering information
Type
Part no.
S30B-2011BA
1026820
The system plug has to be ordered separately. For details, see “Accessories”.
Other models and accessories
www.sick.com/S300_Standard
Detailed technical data
Features
Protective field range
2 m
Warning field range
8 m (at 15 % reflectivity)
Distance measuring range
30 m
Type of field set
Triple field sets
Number of field sets
1
Number of fields
3
Number of monitoring cases
1
Scanning angle
270°
Resolution (can be configured)
30 mm, 40 mm, 50 mm, 70 mm
Angular resolution
0.5°
Response time
80 ms 1)
Protective field supplement
100 mm
Number of multiple samplings
2 ... 16, configurable
Delay of automatic reset
2 s ... 60 s, configurable
1) Depending on basic response time and multiple sampling.
Safety-related parameters
Type
Type 3 (IEC 61496)
Safety integrity level
SIL2 (IEC 61508)
SILCL2 (EN 62061)
Category
Category 3 (EN ISO 13849)
Performance level
PL d (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
8.0 x 10-8 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-05-23 16:45:04
Subject to change without notice


Similar Part No. - 1026820

ManufacturerPart #DatasheetDescription
logo
SICK AG
1026821 SICK-1026821 Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
1026822 SICK-1026822 Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
1026826 SICK-1026826 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
logo
PHOENIX CONTACT
1026829 PHOENIX-1026829 Datasheet
52Kb / 2P
   The TML labeling range offers the option of subsequent labeling of zack marker strip and flat zack marker strip materials using a marking foil
More results

Similar Description - 1026820

ManufacturerPart #DatasheetDescription
logo
SICK AG
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S30A-6011GB SICK-S30A-6011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7011BA SICK-S30A-7011BA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
MICS3-AAAZ40AZ1P01 SICK-MICS3-AAAZ40AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
MICS3-AAAZ55AZ1P01 SICK-MICS3-AAAZ55AZ1P01 Datasheet
907Kb / 7P
   SAFETY LASER SCANNERS
S30A-6111CP SICK-S30A-6111CP Datasheet
1Mb / 6P
   SAFETY LASER SCANNERS
S30B-2011CA SICK-S30B-2011CA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
S30B-3011BA SICK-S30B-3011BA Datasheet
1Mb / 8P
   SAFETY LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com