Electronic Components Datasheet Search |
|
MICS3-AAAZ40AZ1P01 Datasheet(PDF) 3 Page - SICK AG |
|
MICS3-AAAZ40AZ1P01 Datasheet(HTML) 3 Page - SICK AG |
3 / 7 page MICS3-AAAZ40AZ1P01 | microScan3 Core SAFETY LASER SCANNERS Simultaneous monitoring ✔ Static protective field switching ✔ Safe contour detection ✔ Contour as a reference ✔ Integrated configuration memory ✔ Interfaces Connection type Male connector, M12, 8 pin, A-coded (common male connector for power supply and inputs and outputs) Universal I/Os 3 Outputs OSSD pairs 1 Configuration method PC with Safety Designer (Configuration and Diagnostic Software) Configuration and diagnostics interface USB 2.0, Mini-USB Display elements Graphic color display, LEDs Electrical data Protection class III (EN 61140) Supply voltage Vs 24 V DC (16.8 V DC ... 30 V DC) Power consumption 7 W (without output load) Mechanical data Dimensions (W x H x D) 112 mm x 135 mm x 111 mm Weight 1.15 kg Housing material Aluminum Housing color RAL 1021 (yellow), RAL 9005 (black) Optics cover material Polycarbonat Optics cover surface finish Outside with scratch-resistant coating Ambient data Enclosure rating IP 65 (IEC 60529) Ambient operating temperature –10 °C ... +50 °C Storage temperature –25 °C ... +70 °C Vibration resistance 0.35 mm, 10 Hz ... 60 Hz (IEC 60068-2-6, IEC 61496-1, CLC/TS 61496-3)5 g, 60 Hz ... 150 Hz (IEC 60068-2-6, IEC 61496-1, CLC/TS 61496-3) Shock resistance 10 g, 16 ms (IEC 60068-2-27, IEC 61496-3) Other information Type of light Pulsed laser diode Wave length 845 nm Detectable remission 1.8% to several 1000% Laser class 1M (21 CFR 1040.10 and 1040.11, IEC 60825-1) 2017-01-19 13:38:08 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 3 |
Similar Part No. - MICS3-AAAZ40AZ1P01 |
|
Similar Description - MICS3-AAAZ40AZ1P01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |