Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMB1100102K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EKMB1100102K
Description  Low current consumption for battery-driven applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMB1100102K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EKMB1100102K Datasheet HTML 1Page - Panasonic Semiconductor EKMB1100102K Datasheet HTML 2Page - Panasonic Semiconductor EKMB1100102K Datasheet HTML 3Page - Panasonic Semiconductor EKMB1100102K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8
Dimension
(mm)
Detection zone
Detection characteristics
Detection
distance
Field of
view
Detection
zone
Detection
condition
Max. 5m
94°
×
82°
64 beams
The temperature difference
between the target and the
surroundings must be higher
than 4.
Movement speed: 1.0m/s
Target concept: Human
body with an approx. size of
700×250mm
Target moving direction:
Crossing the detection beam.
CAD data can be downloaded from the
PaPIRs WEB site.
Max. 12m
102°
×
92°
92 beams
The temperature difference
between the target and the
surroundings must be higher
than 4.
Movement speed: 1.0m/s
Target concept: Human
body with an approx. size of
700×250mm
Target moving direction:
Crossing the detection beam.
40°
×
105°
68 beams
The temperature difference
between the target and the
surroundings must be higher
than 4.
Movement speed: 1.0m/s
Target concept: Human
body with an approx. size of
700×250mm
Target moving direction:
Crossing the detection beam.
Detection
sensitivity
Average: 5.6μW/c
Maximum: 7.6μW/c
CAD data
CAD data
CAD data
CAD data
Lenses for the EKMB/EKMC series
TOP VIEW
SIDE VIEW
6.6m
41°
41°
X
Y
5m
2.5m
Y
5.6m
47°
47°
X
2.5m
5m
X-Y Cross Section
GND
VDD
OUT
A-A Cross sectional
P.C.D.
φ5.08
±0
.2
φ0.45 ±0.05
45°±4
°
45°
±4°
A
A
φ20.7
22
20.2
7.3
4.6
φ11
2.5
5
A
A
φ0.45
±0.05
P.C.D.φ5.08 ±0
.2
GND
OUT
14.4
4.6
13
φ11
45°±4
45°
±4
VDD
A-A Cross sectional
φ9.5
X-Y Cross Section
13.8m
11.6m
46.3°
46.3°
X
Y
Y
51.3°
51.3°
X
5m
12m
5m
12m
TOP VIEW
SIDE VIEW
Max. 12m
Max. 6m
Max. 3m
1st step lens
2nd step lens
3rd step lens
0.6mm
0.4mm
0.6mm
0.4mm
0.6mm
0.6mm
TOP VIEW
SIDE VIEW
14.9m
5.7m
X-Y Cross Section
5m
12m
Y
44°
25°
18°
5m
12m
X
52.5°
52.5°
Standard
detection type
Long distance
detection type
Wall installation
type
Lensless type
Detection
distance
Field of
view
Detection
zone
Detection
condition
Detection
distance
Field of
view
Detection
zone
Detection
condition
1st step
3rd step
2nd step
(53°
(53°
(48.5°
(48.5°
(49.5°
(49.5°
(54°
(54°
(49°
(56°
)(56°
Aperture
φ3.2mm
Black body
250℃
Masking
plate
PaPIRs
DC5V
340mm
Chopper
(1Hz)
Recorder
GND
VDD
OUT
A-A Cross sectional
P.C.D.
φ5.08
±0
.2
φ0.45 ±0.05
45°±4
°
45°
±4°
A
A
φ20.7
φ22
20.2
7.3
4.6
φ11
2.5
5
GND
VDD
ELEMENT
OUT
P.C.D.
φ5.08
±0.2
φ0.45 ±0.05
45°±4
°
45°
55°
±4°
φ8.3
φ9.1
9.3
3.0
8.4
5.5
3.0
Search
Panasonic PaPIRs
※Detection sensitivity is measured by following system
Please refer to the formal specification for the dimension, and the tolerance ※Please note that the horizontal and vertical field of view depends on the position of the metal tab on which the lens is mounted.
Test setup
PIR element


Similar Part No. - EKMB1100102K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB1101111 PANASONIC-EKMB1101111 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
EKMB1101111 PANASONIC-EKMB1101111 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1101112 PANASONIC-EKMB1101112 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
EKMB1101112 PANASONIC-EKMB1101112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1101113 PANASONIC-EKMB1101113 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
More results

Similar Description - EKMB1100102K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A68L SHARP-GP1A68L Datasheet
49Kb / 4P
   Low Voltage Driven Low Current Consumption Type OPIC Photointerrupter
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012AID STMICROELECTRONICS-TSM1012AID Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com