Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMB1103111K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EKMB1103111K
Description  Low current consumption for battery-driven applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMB1103111K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EKMB1103111K Datasheet HTML 1Page - Panasonic Semiconductor EKMB1103111K Datasheet HTML 2Page - Panasonic Semiconductor EKMB1103111K Datasheet HTML 3Page - Panasonic Semiconductor EKMB1103111K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6
Operating voltage
Max
Vdd
4.0V
Min
2.3V
Current consumption
(in standby mode)
Note 1)
Ave
Iw
1μA2μA6μA
Ambient temperature: 25
Iout=0
Vdd: 3V
Output current
(during detection period)
Note 2)
Max
Iout
100μA
Ambient temperature: 25
VoutVdd-0.5
Output voltage
(during detection period)
Min
Vout
Vdd0.5V
Ambient temperature: 25
Open at no detection
Circuit stability time
(when voltage is applied)
Ave
Twu
25 sec
Ambient temperature: 25
Iout=0
Vdd: 3V
Max
210 sec
10 sec, Note 3)
Power supply voltage
-0.3 to 4.5V
Ambient temperature
-20 to +60(No frost, no condensation)
Storage temperature
-20 to +70
Items
Symbol
1μA type
2μA type
6μA type
Conditions
Items
Value
Characteristics
Electrical Characteristics
Maximum rated values
2μA6μA type
1μA type
Timing chart
ON
OFF
ON
OFF
Twu
Detecting target
Power supply
Output voltage
Present
Absent
Present
Absent
Detecting target
ON
OFF
Power supply
Mode
ON
OFF
1Sleep
2Standby
3Mask
Output voltage
Unstable
1
2
31
2
3
1
2
3
t1Twu
t2
t2
t3
t2
t3
2
1
Note 1) The total current consumption is equal to the current consumption in standby mode (Iw) plus the output current during detection (Iout). For the 1μA type please note that the average
current consumption is 1μA in sleep mode and 1.9μA in standby mode. Please also refer to the timing chart.
Note 2) Please select an output resistors (pull-down concept) in accordance with Vout so that the output current is lower than or equal to 100μA. If the output current is more than 100μA, this
may cause false alarms.
Note 3) The sensor temperature has to be constant for the time specified.
【Explanation of modes】
1)Sleep mode:
When the output is OFF. The electrical current consumption is around 1μA.
2) Standby mode: After the sensor's output has reached ON status, the sensor switches to standby mode.
The electrical current consumption gets close to 1.9μA . When the sensor's output returns
to its OFF value after the "hold time" has expired, the sensor switches again to sleep mode.
3) Mask mode:
Time during which the output is forced to OFF status after the end of the standby mode.
(No detection is possible during this period.)
【Explanation of the timing】
t1 (Twu): Circuit stability time: about 25 sec (typ.)
While the circuitry is stabilizing after the power is turned on, the sensor output is not fixed in the ON
or OFF state. This is true regardless of whether or not the sensor has detected anything.
t2:
Standby hold time: about 2.6 sec (typ.) after the last detection of a signal. (※1)
t3:
Mask time: about 1.3 sec (typ.) During this stage, even if the sensor detects something, the output
will not switch to ON.(※2)
【Explanation of the timing】
Twu: Circuit stability time: about 25 sec (typ.) for 2μA type, max. 10 sec for 6μA type.
While the circuitry is stabilizing after the power is turned on, the sensor
output is not fixed in the ON or OFF state. This is true regardless of
whether or not the sensor has detected anything.


Similar Part No. - EKMB1103111K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB1103111 PANASONIC-EKMB1103111 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
More results

Similar Description - EKMB1103111K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A68L SHARP-GP1A68L Datasheet
49Kb / 4P
   Low Voltage Driven Low Current Consumption Type OPIC Photointerrupter
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012AID STMICROELECTRONICS-TSM1012AID Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com