Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV10100E Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LV10100E
Description  TO-277 Plastic package Schottky diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LV10100E Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LV10100E Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100E Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100E Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100E Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100E Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LV10100E Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV10100E
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
Peak Reverse Voltage
VRRM
VRWM
VRM
100
V
RMS Reverse voltage
VR(RMS)
78
V
Average Rectified Output Current
IO
10
A
Non-Repetitive Peak Forward Surge Current
IFSM
150
A
Repetitive peak avalanche power
PARM
20000
W
Junction Temperature Range
Tj MAX
150
Storage Temperature Range
Tstg
-55~150
Typical Thermal Resistance
RθJANote 1
76
/W
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
VR
IR=0.3mA
100
V
Forward voltage
VF
IF=2A
TJ=25℃
0.43
V
IF=2A
TJ=125℃
0.33
V
IF=10A
TJ=25℃
0.62
0.72
V
IF=10A
TJ=125℃
0.57
0.65
V
Instantaneous Reverse
Current
IRNote 2
VR=100V
TJ=25℃
15
100
uA
VR=100V
TJ=125℃
10
25
mA
注/Notes:
1.FR-4PCB,2盎司铜,最低建议焊盘布局。/FR-4 PCB, 2oz. Copper, minimum recommended pad
layout per.
2. 使用极短的测试时间,以尽量减少自热效应。/Short duration pulse test used to minimize self-heating
effect.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - LV10100E

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV10100CT FOSHAN-LV10100CT Datasheet
924Kb / 6P
   Schottky Barrier Diode in a TO-220 Plastic Package
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
LV10100FCT FOSHAN-LV10100FCT Datasheet
814Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results

Similar Description - LV10100E

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
SV1060E FOSHAN-SV1060E Datasheet
743Kb / 6P
   TO-277 Plastic package Schottky diode
MBRE1040 FOSHAN-MBRE1040 Datasheet
1Mb / 6P
   TO-277 Plastic package Schottky diode
LV10S60E FOSHAN-LV10S60E Datasheet
801Kb / 6P
   TO-277 Plastic package Schottky diode
LV10T100E FOSHAN-LV10T100E Datasheet
696Kb / 6P
   TO-277 Plastic package Schottky diode
SV10U45E FOSHAN-SV10U45E Datasheet
862Kb / 6P
   TO-277 Plastic package Schottky diode
SV1045E FOSHAN-SV1045E Datasheet
743Kb / 6P
   TO-277 Plastic package Schottky diode
SV2060E FOSHAN-SV2060E Datasheet
754Kb / 6P
   TO-277 Plastic package Schottky diode
LV20S50E FOSHAN-LV20S50E Datasheet
736Kb / 6P
   TO-277 Plastic package Schottky diode
SV1550E FOSHAN-SV1550E Datasheet
677Kb / 6P
   TO-277 Plastic package Schottky diode
SV2045E FOSHAN-SV2045E Datasheet
749Kb / 6P
   TO-277 Plastic package Schottky diode
LV10T45E FOSHAN-LV10T45E Datasheet
928Kb / 6P
   TO-277 Plastic package Schottky diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com