Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMB1300112 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EKMB1300112
Description  Low current consumption for battery-driven applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMB1300112 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EKMB1300112 Datasheet HTML 1Page - Panasonic Semiconductor EKMB1300112 Datasheet HTML 2Page - Panasonic Semiconductor EKMB1300112 Datasheet HTML 3Page - Panasonic Semiconductor EKMB1300112 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5
Detection performance
Model no.
Current
consumption
Lens color
Output type
Detection
distance
Detection area
Detection
zones
Horizontal
Vertical
Standard detection type
EKMB1101111
1μA
White
Digital
5m
94°
82°
64
EKMB1101112
Black
EKMB1101113
Pearl white
EKMB1201111
2μA
White
EKMB1201112
Black
EKMB1201113
Pearl white
EKMB1301111K
6μA
White
EKMB1301112K
Black
EKMB1301113K
Pearl white
Long distance detection type
EKMB1103111
1μA
White
12m
102°
92°
92
EKMB1103112
Black
EKMB1103113
Pearl white
EKMB1203111
2μA
White
EKMB1203112
Black
EKMB1203113
Pearl white
EKMB1303111K
6μA
White
EKMB1303112K
Black
EKMB1303113K
Pearl white
Wall installation type
EKMB1104111
1μA
White
12m1st step lens
6m2nd step lens
3m3rd step lens
Please refer to page
8 for details.
40°
105°
68
EKMB1104112
Black
EKMB1104113
Pearl white
EKMB1204111
2μA
White
EKMB1204112
Black
EKMB1204113
Pearl white
EKMB1304111K
6μA
White
EKMB1304112K
Black
EKMB1304113K
Pearl white
Specifications
Ordering
information
PaPIRs motion sensor
Current consumption in standby mode
1: 1μA / 2: 2μA / 3: 6μA
Lens color
0: Lensless / 1: White /
2: Black / 3: Pearl white
Others
K: 6μA / Blank: Other than 6μA
EKMB1
1
DetectionLens
00: Lensless / 01: 5m distance standard /
03: 12m long distance / 04: Wall installation type
Lens
0: Lensless / 1with lens
Low current consumption for battery-driven applications
A special differential input circuit designEKMB 6μA type only
for applications where a high noise resistance is requiredup
to GHz range.
IoT, occupancy sensor module for smart home, battery-driven
applications, wireless devices
Lensless type available
motion sensor
EKMBWLseries
Digital output
Current
consumption
1/2/6μA
Recommended applications
1μA type: EKMB1100100
2μA type: EKMB1200100
6μA type: EKMB1300100K
Wall installation
type
Long distance detection
type
Standard detection
type


Similar Part No. - EKMB1300112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB1301111K PANASONIC-EKMB1301111K Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1301112K PANASONIC-EKMB1301112K Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1301113K PANASONIC-EKMB1301113K Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1303111K PANASONIC-EKMB1303111K Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1303112K PANASONIC-EKMB1303112K Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
More results

Similar Description - EKMB1300112

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A68L SHARP-GP1A68L Datasheet
49Kb / 4P
   Low Voltage Driven Low Current Consumption Type OPIC Photointerrupter
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012AID STMICROELECTRONICS-TSM1012AID Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com