Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5227B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MMBZ5227B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBZ5227B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBZ5227B Datasheet HTML 1Page - Fairchild Semiconductor MMBZ5227B Datasheet HTML 2Page - Fairchild Semiconductor MMBZ5227B Datasheet HTML 3Page - Fairchild Semiconductor MMBZ5227B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBZ5221B-MMBZ5257B, Rev. A1
Typical Characteristics
Zener Current vs. Zener Voltage
Zener Current vs. Zener Impedence
3.3 Zener Voltage vs. Temperature
5.1 Zener Voltage vs. Temperature
12 Zener Voltage vs. Zener Temperature
33 Zener Voltage vs. Zener Temperature
12
5
10
20
30
5
10
15
20
25
30
35
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 12.0V
Z
V = 3.3V
Z
V = 5.1V
Z
V = 33.0V
Z
0.1
0.2
0.5
1
2
5
10
20
1
2
5
10
20
50
100
200
500
1000
2000
5000
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 3.3V
Z
V = 5.1V
Z
V = 12.0V
Z
V = 33.0V
Z
12
5
10
20
30
1
2
3
4
5
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 3.3V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
4
4.5
5
5.5
6
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 5.1V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
0
5
10
15
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 12.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
20
25
30
35
40
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 33.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A


Similar Part No. - MMBZ5227B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5227B PANJIT-MMBZ5227B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5227B SKTECHNOLGY-MMBZ5227B Datasheet
856Kb / 3P
   Planar Die Construction
logo
TAITRON Components Inco...
MMBZ5227B TAITRON-MMBZ5227B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5227B DIODES-MMBZ5227B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5227B FAIRCHILD-MMBZ5227B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5227B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com