Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C276CC35600AA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C276CC35600AA0J
Description  Film, Film/Foil Polypropylene, Motor Run, C276, 60 uF, 5%, 470 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C276CC35600AA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C276CC35600AA0J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 0dc5b6ab-dd2d-42de-a36d-24cfee4d779e
KEMET Part Number: C276CC35600AA0J
Film, Film/Foil Polypropylene, Motor Run, C276, 60 uF, 5%, 470 V
D
L
Threaded
Mounting Stud
M8 x 10
10±0.5
13.4±0.5
6.3 x 0.8
2
5.5
13.5±0.5
Double Fast-On
Dimensions
D
50mm +1mm
L
120mm +/-2mm
Packaging Specifications
Mounting: Bolt - M8x10
Packaging: Bulk
General Information
Dielectric: Film/Foil Polypropylene
Style: Can
Series: C276
Description: Plastic Case and Cover, Ultra
Sonically Welded Seal
Features: Ultra Sonically Welded Seal,
Safety Class P0, UL_94 V0 Disk
RoHS: Yes
Lead: Fast On (2+2)
Approvals: UL, VDE, UL (Construction
Only), UL_94 V0 Disk
Specifications
Capacitance: 60 uF
Capacitance Tolerance: 5%
Voltage AC: 470 VAC
Temperature Range: -25/+85C
Rated Temperature: 85C
Max dVdt: 15 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C276CC35600AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C276CC35100AA0J KEMET-C276CC35100AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 10 uF, 5%, 450 V
C276CC35120AA0J KEMET-C276CC35120AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 12 uF, 5%, 450 V
C276CC35150AA0J KEMET-C276CC35150AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 15 uF, 5%, 470 V
C276CC35180AA0J KEMET-C276CC35180AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 18 uF, 5%, 470 V
C276CC35250AA1J KEMET-C276CC35250AA1J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 25 uF, 5%, 470 V
More results

Similar Description - C276CC35600AA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C276CCF4500LG0J KEMET-C276CCF4500LG0J Datasheet
54Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 5 uF, 5%, 470 V
C276CC34500AA0J KEMET-C276CC34500AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 5 uF, 5%, 470 V
C276CC35150AA0J KEMET-C276CC35150AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 15 uF, 5%, 470 V
C276CCF5250LG0J KEMET-C276CCF5250LG0J Datasheet
54Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 25 uF, 5%, 470 V
C276CC35400AA0J KEMET-C276CC35400AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 40 uF, 5%, 470 V
C276CC35180AA0J KEMET-C276CC35180AA0J Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 18 uF, 5%, 470 V
C276CCF5100LG0J KEMET-C276CCF5100LG0J Datasheet
54Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 10 uF, 5%, 470 V
C276CC34300AA0J KEMET-C276CC34300AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 3 uF, 5%, 470 V
C276CCF4300LG0J KEMET-C276CCF4300LG0J Datasheet
54Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 3 uF, 5%, 470 V
C276CC35500AA0J KEMET-C276CC35500AA0J Datasheet
55Kb / 1P
   Film, Film/Foil Polypropylene, Motor Run, C276, 50 uF, 5%, 470 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com