Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1529 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1529
Description  Integrated Circuit Dual OP Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1529 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1529 Datasheet HTML 1Page - NTE Electronics NTE1529 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1529
Integrated Circuit
Dual OP Amp
Description:
The NTE1529 is a dual operational Amplifier with a phase compensation circuit built–in. It is suited
for application to various electronic circuits such as active filters and audio preamplifiers.
Features:
D Phase Compensation Circuit
D High Gain, Low Noise
D Output Short–Circuit Protection
D Two Circuits Symmetrically Arranged in 9–Lead plastic SIP Package
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Voltage, Supply Voltage, VCC, VEE
±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage, VID
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Common–Mode Input Voltage, VICM
±15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 15V, VEE = –15V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VI(offset) RS ≤ 10kΩ
0.5
6
mV
Input Offset Current
I10
5
200
nA
Input Bias Current
IBIAS
500
nA
Voltage Gain
GV
RL ≥ 2kΩ, VO = ±10V
86
100
dB
Maximum Output Voltage
VO(max) RL ≥ 10kΩ
±12
±14
V
RL ≥ 2kΩ
±10
±13
V
Common–Mode Input Voltage Width
VCM
±12
±14
V
Common–Mode Rejection Ratio
CMR
70
90
dB
Supply Voltage Rejection Ratio
SVR
30
150
µV/V
Power Consumption
PC
RL = ∞
90
170
mW
Slew Rate
SR
RL ≥ 2kΩ
1.0
V/
µs
Input Referred Noise Voltage
Vni
Rs = 1kΩ, B = 10Hz ∼ 30kHz
2.5
µVrms


Similar Part No. - NTE1529

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE152 NTE-NTE152 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE1522 NTE-NTE1522 Datasheet
79Kb / 2P
   Integrated Circuit B/W Video IF
NTE1523 NTE-NTE1523 Datasheet
18Kb / 2P
   Integrated Circuit Dual, Low Noise Preamp
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
   Integrated Circuit FM, IF Amp/AFC & Meter Driver
More results

Similar Description - NTE1529

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE867 NTE-NTE867 Datasheet
95Kb / 4P
   Integrated Circuit BiMOS Input Op−Amp
NTE938 NTE-NTE938 Datasheet
27Kb / 3P
   Integrated Circuit Precision Operational Amplifier (OP Amp)
NTE987 NTE-NTE987 Datasheet
28Kb / 3P
   Integrated Circuit Quad, Low Power OP Amp
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
   Dual OP AMP
S4580P AUK-S4580P Datasheet
364Kb / 4P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM358A UMW-LM358A Datasheet
397Kb / 5P
   Dual op amp
logo
KODENSHI_AUK CORP.
SN4580 KODENSHI-SN4580 Datasheet
218Kb / 7P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM258DR UMW-LM258DR Datasheet
469Kb / 5P
   Dual op amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com