Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH183CN103LK Datasheet(PDF) 5 Page - Rohm

Part # MCH183CN103LK
Description  1608(0603)Size chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH183CN103LK Datasheet(HTML) 5 Page - Rohm

  MCH183CN103LK Datasheet HTML 1Page - Rohm MCH183CN103LK Datasheet HTML 2Page - Rohm MCH183CN103LK Datasheet HTML 3Page - Rohm MCH183CN103LK Datasheet HTML 4Page - Rohm MCH183CN103LK Datasheet HTML 5Page - Rohm MCH183CN103LK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
φ180mm Plastic reel
φ330mm Plastic reel
E
I
A
JE
T
-
7
2
0
1
Ac
o
m
p
l
i
a
n
t
11.4
±1.0
Label position
Label position
13.5
±1.0
12
Slider
Shutter
36
110
Multi-layer Ceramic
Chip Capacitors
2004
MCH03 Series 0603(0201)Size
MCH15 Series 1005(0402)Size
MCH18 Series 1608(0603)Size
MCH21 Series 2012(0805)Size
MCH31 Series 3216(1206)Size
MCH32 Series 3225(1210)Size
MCH43 Series 4532(1812)Size
MCH55 Series 5750(2220)Size
Packing specification
Reel dimensions (Unit:mm)
Bulk case dimensions (Unit:mm)
For fundamental considerations on capacitors, refe to Electric Industries Association of Japan, technical report,
"EIAJ RCR-2333,Guideline of notabilia for fixed multilayer ceramic capacitors for use in electronic equipment".
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
MCH15
MCH18
MCH15
MCH18


Similar Part No. - MCH183CN103LK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH183CN104CC ROHM-MCH183CN104CC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183CN104CK ROHM-MCH183CN104CK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183CN104CL ROHM-MCH183CN104CL Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183CN104DC ROHM-MCH183CN104DC Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH183CN104DK ROHM-MCH183CN104DK Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
More results

Similar Description - MCH183CN103LK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
   LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
logo
Kingbright Corporation
APT1608XXX KINGBRIGHT-APT1608XXX Datasheet
214Kb / 1P
   SUPER THIN SMD CHIP LED 1608(0603)
logo
Rohm
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
   1608 (0603) size, compact and high intensity reflector type
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060ABT WALSIN-RFLPF1608060ABT Datasheet
400Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060FM1T73 WALSIN-RFLPF1608060FM1T73 Datasheet
287Kb / 3P
   LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060Y5T WALSIN-RFLPF1608060Y5T Datasheet
287Kb / 2P
   LTCC Multi Layer Ceramic Low Pass Filter- 1608 (0603) size
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com