Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9465 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9465
Description  3A Single Cell Li-on Battery Slave Switching Charg
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9465 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9465 Datasheet HTML 5Page - Richtek Technology Corporation RT9465 Datasheet HTML 6Page - Richtek Technology Corporation RT9465 Datasheet HTML 7Page - Richtek Technology Corporation RT9465 Datasheet HTML 8Page - Richtek Technology Corporation RT9465 Datasheet HTML 9Page - Richtek Technology Corporation RT9465 Datasheet HTML 10Page - Richtek Technology Corporation RT9465 Datasheet HTML 11Page - Richtek Technology Corporation RT9465 Datasheet HTML 12Page - Richtek Technology Corporation RT9465 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
RT9465
9
DS9465-00 May 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Junction Temperature Monitor
The RT9465 supports a junction temperature monitor to
optimize the charge current for applications. The
monitoring is split in to 16 levels from a 4-bit ADC to I2C
register as shown in Table 2. In addition, the RT9465
provides two programmable monitoring levels by I2C serial
interface to report the temperature warning and release
flags, TJ_WARNING and TJ_RELEASE as shown in Table 2. If
the junction temperature rises above the warning threshold
(TJ_WARNING), the event is asserted to an interrupt. If the
junction temperature falls under the release threshold
(TJ_RELEASE), the event is asserted to an interrupt.
Table 2.
Reported Register
Temperature
0000
< 60 degree
(TJ_RELEASE default)
0001
> 60 degree
0010
> 64 degree
0011
> 68 degree
(TJ_WARNING default)
0100
> 72 degree
0101
> 76 degree
0110
> 80 degree
0111
> 84 degree
1000
> 88 degree
1001
> 92 degree
1010
> 96 degree
1111
> 100 degree
1100
> 104 degree
1101
> 108 degree
1110
> 112 degree
1111
> 116 degree
Minimum Input Voltage Regulation (MIVR) :
The RT9465 features input voltage MIVR function to prevent
input voltage drop due to insufficient current provided by
the adaptor or USB input. If MIVR function is enabled, the
input voltage decreases when the over-current of the input
power source occurs and is regulated at a predetermined
voltage level which can be set from 3.9V to 13.4V with the
step of 100mV by I2C interface to MIVR register.
Average Output Current Regulation (AOCR) :
The RT9465 proposed output current AOCR function to
limit charge current. The AOCR senses and averages the
inductor current in to the regulation loop for constant
current charge. If AOCR function is enabled, the output
current increase when the over-current of the charge
occurs and is regulated at a predetermined current level
which can be set from 0.6A to 3A with the step of 100mA
by I2C interface to AOCR register.


Similar Part No. - RT9465

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
RT9460WSC RICHTEK-RT9460WSC Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
RT9468GQW RICHTEK-RT9468GQW Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results

Similar Description - RT9465

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
   Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
logo
Shenzhen Huazhimei Semi...
HM5519 HMSEMI-HM5519 Datasheet
1Mb / 6P
   Single-cell Li-ion/Li-polymer battery protection IC
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com