Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9460 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9460
Description  Switch-Mode Single Cell Li-Ion Charger
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9460 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9460 Datasheet HTML 3Page - Richtek Technology Corporation RT9460 Datasheet HTML 4Page - Richtek Technology Corporation RT9460 Datasheet HTML 5Page - Richtek Technology Corporation RT9460 Datasheet HTML 6Page - Richtek Technology Corporation RT9460 Datasheet HTML 7Page - Richtek Technology Corporation RT9460 Datasheet HTML 8Page - Richtek Technology Corporation RT9460 Datasheet HTML 9Page - Richtek Technology Corporation RT9460 Datasheet HTML 10Page - Richtek Technology Corporation RT9460 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
DS9460-04 August 2017
www.richtek.com
RT9460
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Charge Termination Detection
End of Charge Current
IEOC
I2C programmable per 50mA
100
--
450
mA
Fixed IEOC
As IAICR = 100mA
--
50
--
mA
IEOC Accuracy
100
--
100
mA
Deglitch Time for EOC
TEOC
ICHG < IEOC, VBAT > VREC
--
2
--
ms
PWM
High-Side On-Resistance
From VIN to LX,
Exclude IAICR = 100mA
--
90
150
m
Low-Side On-Resistance
From LX to PGND
--
60
100
m
Charging Efficiency
VBATx = 4V, and ICHG = 2A,
--
85
--
%
Oscillator Frequency
OSC
I2C Programmable 0.75/1.5 MHz
--
1.5
--
MHz
Frequency Accuracy
10
--
10
%
Maximum Duty Cycle
At minimum voltage input
--
95
--
%
Minimum Duty Cycle
0
--
--
%
Peak OCP as Charger Mode
ICHGOCP
--
4.5
--
A
Power Path On-Resistance
From SYS to VBAT
--
35
60
m
Boost Mode Operation
Output Voltage Level
VOTG
To VIN
--
5.05
--
V
Output Voltage Accuracy
3
--
3
%
Efficiency
VBATx = 4V, and IIN = 0.8A,
--
85
--
%
MAX Output Current
I2C programmable, 0.5A/1A
1
--
--
A
Peak Over-Current Protection
--
4.5
--
A
VIN OVP as OTG Boost
--
6
--
V
VIN OVP Hysteresis
--
250
--
mV
Minimum Battery Voltage for
Boost
VBATMIN
As boost start-up
--
2.9
--
V
Minimum Battery Voltage
Hysteresis
--
400
--
mV
I
2C Characteristics
Output Low Voltage
VOL
IDS = 10mA
--
--
0.4
V
SCL, SDA Input
Threshold Voltage
Logic-High VIH
1.3
--
--
V
Logic-Low VIL
--
--
0.4
SCL Clock
--
--
400
kHz


Similar Part No. - RT9460

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9465 RICHTEK-RT9465 Datasheet
268Kb / 28P
   3A Single Cell Li-on Battery Slave Switching Charg
RT9465GQW RICHTEK-RT9465GQW Datasheet
268Kb / 28P
   3A Single Cell Li-on Battery Slave Switching Charg
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
RT9468GQW RICHTEK-RT9468GQW Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results

Similar Description - RT9460

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
logo
Semtech Corporation
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
   Single Input/Single Mode Single-cell Li-ion Charger
SC810 SEMTECH-SC810 Datasheet
298Kb / 19P
   Single Input/Single Mode Single-cell Li-ion Charger
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Texas Instruments
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI-BQ24158_12 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com