Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9451GQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9451GQW
Description  Switch-Mode Single Cell Li-ion Battery Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451GQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9451GQW Datasheet HTML 2Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 3Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 4Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 5Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 6Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 7Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 8Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 9Page - Richtek Technology Corporation RT9451GQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
RT9451
6
DS9451-01 March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Regulation Fast Charge
Output Charge Current
ICHRG
VSHORT  VBATS  VOREG
VIN  5V, RSENSE = 20m,
LOW_CHG = 0, programmable
1000
--
4000
mA
VBATS  VOREG, VIN  5V,
RSENSE = 20m, LOW_CHG = 1
--
150
--
Charge Termination Detection
Termination Charge Current
IEOC
VBATS > VOREG VRECH, VIN > 5V,
RSENSE = 20m, programmable
50
--
400
mA
Deglitch Time for Charge
Termination
Both Rising and Falling, 2mV
Overdrive, tRISE, tFALL = 100ns
--
43
--
s
Charge Current Accuracy
Offset Voltage, Sense Voltage
Amplifier
VSHORT  VBATS  VOREG
VIN  5V, RSENSE = 20m,
LOW_CHG = 0, programmable
1
--
1
mV
BAD Adaptor Detection
Input Voltage Lower Limit
VIN(MIN)
Bad adaptor detection, VIN falling
3.5
3.7
3.9
V
Deglitch Time for VIN Rising
above VIN(MIN)
Rising voltage, 2mV over drive,
tRISE = 100ns
--
30
--
ms
Hysteresis for VIN(MIN)
VIN(MIN)
VIN rising
100
--
200
mV
Current Source to GND
During bad adaptor detection
20
30
40
mA
Detection Interval
TINT
Input power source detection
--
2
--
s
Minimum Input Voltage Regulation
Minimum Input Voltage
Regulation Threshold
VMIVR
Charge mode, programmable
4.2
--
4.76
V
VMIVR Accuracy
2
--
2
%
Active Input Current Regulation
AICR
AICR = 100mA
80
90
100
mA
AICR = 500mA
400
450
500
VDDP Regulator
Internal Bias Regulator Voltage
VDDP
VIN > VIN(min) or VBATS > VBATMIN,
IVDDP = 1mA, CVDDP = 1F
2
--
6
V
VDDP Output Short Current
Limit
--
60
--
mA
Voltage from BOOT to LX Pin
During charge or boost operation
--
--
6
V
Battery Recharge Threshold
Recharge Threshold Voltage
VRECH
Below VOREG
100
130
160
mV
Deglitch Time
VBATS decreasing below threshold,
tFALL = 100ns, 10mV overdrive
--
130
--
ms


Similar Part No. - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9451GQW RICHTEK-RT9451GQW Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
More results

Similar Description - RT9451GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com