Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21WS Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BAV21WS
Description  Silicon Diode in a SOD-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAV21WS Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAV21WS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAV21WS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAV21WS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAV21WS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAV21WS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAV21WS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAV19WS-BAV21WS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
BAV19WS
BAV20WS
BAV21WS
Peak Repetitive Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage, DC
Reverse Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VRRMS
71
106
141
V
Non-Repetitive Peak Forward
Current
IFM
400
mA
Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge
Current
IFSM
t=1.0
μs:2.5A
t=1.0s:0.5A
A
Power Dissipation
Pd
200
mW
Typical Thermal Resistance
Junction to Ambient
RθJA
500
/W
Junction and Storage Temperature
Range
TJ,Tstg
-65
TO +150
℃℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
MIN
MAX
Forward Voltage
V(BR)
IR=100uA
BAV19WS
120
V
BAV20WS
200
BAV21WS
250
Peak Forward Voltage
VFM
IF=100mA
1.0
V
IF=200mA
1.25
Instantaneous Reverse
Current
IRM
Tj=25℃
VR=VRWM
100
nA
Tj=100℃
VR=VRWM
15
uA
Reverse Recovery Time
trr
IF=IR=30mA
Irr=0.1хIR
Rl=100Ω
50
ns
Total Capacitance
CT
VR=0
f=1.0MHz
5.0
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Microdiode Electronics ...
BAV21WS CHENDA-BAV21WS Datasheet
447Kb / 4P
   Silicon Epi taxial Planar Diode
logo
Guangdong Kexin Industr...
BAV21WS KEXIN-BAV21WS Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
SHENZHEN YONGERJIA INDU...
BAV21WS WINNERJOIN-BAV21WS Datasheet
113Kb / 2P
   Fast Switching Speed
More results

Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BAS316 FOSHAN-BAS316 Datasheet
1Mb / 7P
   Silicon Diode in a SOD-323 Plastic Package
BAT42WS FOSHAN-BAT42WS Datasheet
1Mb / 6P
   Silicon Diode in a SOD-323 Plastic Package
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C11S FOSHAN-BZT52C11S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com