Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMWA12C-S03 Datasheet(PDF) 1 Page - Vitec Power

Part # SMWA12C-S03
Description  12W Medical Grade Wall Mount Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMWA12C-S03 Datasheet(HTML) 1 Page - Vitec Power

  SMWA12C-S03 Datasheet HTML 1Page - Vitec Power SMWA12C-S03 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMWA12C SERIES
12W Medical Grade Wall Mount Power Supply
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
European type 2 prong plug
Single Output
Output Voltage Available From 5VDC Thru 27VDC
Over Voltage, Over Load, and Over Temperature Protection
Class II Insulation
Energy Star 2.0, CEC Level V, and RoHS Compliance
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMWA12C-S02
5 ~ 6 VDC
2.00 ~ 1.66 A
5%
10W
SMWA12C-S03
6 ~ 8 VDC
2.00 ~ 1.50 A
5%
12W
SMWA12C-S04
8 ~ 11 VDC
1.50 ~ 1.09 A
5%
12W
SMWA12C-S05
11 ~ 13 VDC
1.09 ~ 0.92 A
5%
12W
SMWA12C-S06
13 ~ 16 VDC
0.92 ~ 0.75 A
5%
12W
SMWA12C-S07
16 ~ 21 VDC
0.75 ~ 0.57 A
3%
12W
SMWA12C-S08
21 ~ 27 VDC
0.57 ~ 0.44 A
3%
12W
The total regulation on model S02~S03 is required to use AWG#18 / 6FT output cable.
The total regulation on model S04~S08 is required to use AWG#20 / 6FT output cable.
The regulation and efficiency are not guaranteed if changes the output cable
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
12
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.25
0.35
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.17
0.22
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
14
16
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
28
35
A
Efficiency
Io=Full Load, Vin=230VAC
73.3
77.7
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
10
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.1
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0.3
W
Thermal Shutdown By Junction
Temperature Controller *
The parameter is not subject to production
test-verified by design/characterization of integrated
controller. Auto recovery.
-25
130
°C
*As long as faulty conditions have been removed , the adaptor will automatically power up as usual.
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 50°C to 50% load at 70°C


Similar Part No. - SMWA12C-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMWA12C-S03 Vitec-SMWA12C-S03 Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
More results

Similar Description - SMWA12C-S03

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
   12W Medical Grade Wall Mount Power Supply
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
   12W Wall Mount Power Supply for Medical Equipment
logo
MPS Industries, Inc.
MPU12A MPSIND-MPU12A Datasheet
241Kb / 2P
   12W Wall Mount Switching Power Supplies For Medical Equipment.
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
   Medical Grade 25W Wall Mount Power Adapters
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
   12W Medical Grade Wallmount Switching Power Adapters
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
   12W Medical Grade Wallmount Switching Power Adapters
logo
Total Power Internation...
TPMPU12A TOTAL-POWER-TPMPU12A Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12C TOTAL-POWER-TPMPU12C Datasheet
263Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com