Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUA151-S08 Datasheet(PDF) 2 Page - Vitec Power

Part # SMUA151-S08
Description  150W U-Bracket Type Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMUA151-S08 Datasheet(HTML) 2 Page - Vitec Power

  SMUA151-S08 Datasheet HTML 1Page - Vitec Power SMUA151-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
SMUA151-SXX Vout Vout Vout Vout RTN RTN RTN RTN
Note:
1.Dimensions are shown in mm.
2.Weight: 560g approx.
3.Input connector mates with Molex housing
09-50-3031 and Molex 2478 series crimp terminal.
4.Output connector mates with Molex housing
09-50-3081 and Molex 2478 series crimp


Similar Part No. - SMUA151-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMUA151-S08 Vitec-SMUA151-S08 Datasheet
425Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
More results

Similar Description - SMUA151-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMUA150 Vitec-SMUA150 Datasheet
440Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
SMUA150-SERIES Vitec-SMUA150-SERIES Datasheet
440Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
SMUA151-SERIES Vitec-SMUA151-SERIES Datasheet
425Kb / 2P
   150W U-Bracket Type Power Supply for Medical Equipment
SIUA151-SERIES Vitec-SIUA151-SERIES Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA150 Vitec-SIUA150 Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA150-SERIES Vitec-SIUA150-SERIES Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA151 Vitec-SIUA151 Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
STUA151 Vitec-STUA151 Datasheet
419Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
STUA150 Vitec-STUA150 Datasheet
414Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
STUA150-SERIES Vitec-STUA150-SERIES Datasheet
414Kb / 2P
   150W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com