Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS70A472NF500 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS70A472NF500
Description  Aluminum Electrolytic, 85C, ALS70, 4700 uF, 20%, 500 V, -40/85C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS70A472NF500 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS70A472NF500 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - cb4dc747-644b-4ddc-b788-1c865999f6be
KEMET Part Number: ALS70A472NF500
Aluminum Electrolytic, 85C, ALS70, 4700 uF, 20%, 500 V, -40/+85C
Dimensions
D
77mm +/-1mm
L
105mm +/-2mm
T
5.5mm +/-0.5mm
S
31.8mm +/-0.5mm
DT
13mm +/-0.5mm
LT
110.5mm +/-1mm
TD
10mm MIN
V
19mm NOM
Z
10mm NOM
Packaging Specifications
Weight: 690 g
Sleeving: Yes
Packaging: T&R
General Information
Dielectric: Aluminum Electrolytic
Series: ALS70
Description: Screw Terminal, Aluminum
Electrolytic
RoHS: Yes
Notes: Dimensions D And L Include
Sleeving. MS (MxH) = M12x 16
Specifications
Capacitance: 4700 uF
Capacitance Tolerance: 20%
Voltage DC: 500 VDC, 550 VDC (Surge), 600
VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life:
20000 Hrs (Rated Voltage And
Ripple Current At 85C), 40000
Hrs (Rated Voltage At 85C)
Resistance: 59 mOhms (100Hz 20C), 45
mOhms (10kHz 20C)
Current: 14.5 Amps (100Hz 85C), 21.1
Amps (10 kHz 85C)
Leakage Current: 6000 uA
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - ALS70A472NF500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS70A471DB500 KEMET-ALS70A471DB500 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 470 uF, 20%, 500 V, -40/85C
ALS70A473QS200 KEMET-ALS70A473QS200 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 0.047 F, 20%, 200 V, -40/85C
ALS70A474NF025 KEMET-ALS70A474NF025 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 0.47 F, 20%, 25 V, -40/85C
More results

Similar Description - ALS70A472NF500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS70A132KE500 KEMET-ALS70A132KE500 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 1300 uF, 20%, 500 V, -40/85C
ALS70A681DE500 KEMET-ALS70A681DE500 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 680 uF, 20%, 500 V, -40/85C
ALS70A562NP500 KEMET-ALS70A562NP500 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 5600 uF, 20%, 500 V, -40/85C
ALS70A332MF500 KEMET-ALS70A332MF500 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 3300 uF, 20%, 500 V, -40/85C
ALS70A471DB500 KEMET-ALS70A471DB500 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 470 uF, 20%, 500 V, -40/85C
ALS70A103NT500 KEMET-ALS70A103NT500 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 0.01 F, 20%, 500 V, -40/85C
ALS70A133QT500 KEMET-ALS70A133QT500 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 0.013 F, 20%, 500 V, -40/85C
ALS70A122DF450 KEMET-ALS70A122DF450 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 1200 uF, 20%, 450 V, -40/85C
ALS70A332KF350 KEMET-ALS70A332KF350 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 3300 uF, 20%, 350 V, -40/85C
ALS70A622NJ450 KEMET-ALS70A622NJ450 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 6200 uF, 20%, 450 V, -40/85C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com