Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33996 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33996
Description  16-Output Switch with SPI Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33996 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33996 Datasheet HTML 6Page - Motorola, Inc MC33996 Datasheet HTML 7Page - Motorola, Inc MC33996 Datasheet HTML 8Page - Motorola, Inc MC33996 Datasheet HTML 9Page - Motorola, Inc MC33996 Datasheet HTML 10Page - Motorola, Inc MC33996 Datasheet HTML 11Page - Motorola, Inc MC33996 Datasheet HTML 12Page - Motorola, Inc MC33996 Datasheet HTML 13Page - Motorola, Inc MC33996 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
33996
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
Figure 5. Parallel Inputs SPI Control
FUNCTIONAL PIN DESCRIPTION
Chip Select (CS) Pin
The system MCU selects the 33996 to be communicated
with through the use of the Chip Select (CS) pin. When the CS
pin is in a logic low state, data can be transferred from the MCU
to the 33996 and vise versa. Clocked-in data from the MCU is
transferred from the 33996 Shift register and latched into the
power outputs on the rising edge of the CS signal. On the falling
edge of the CS signal, output fault status information is
transferred from the Power Outputs Status register into the
device’s SO Shift register. The SO pin output driver is enabled
when CS is low, allowing information to be transferred from the
33996 to the MCU. To avoid any spurious data, it is essential
the high-to-low transition of the CS signal occur only when
SCLK is in a logic low state.
System Clock (SCLK) Pin
The System Clock (SCLK) pin clocks the Internal Shift
registers of the 33996. The Serial Input (SI) pin accepts data
into the Input Shift register on the falling edge of the SCLK
signal, while the Serial Output (SO) pin shifts data information
out of the Shift register on the rising edge of the SCLK signal.
False clocking of the Shift register must be avoided, ensuring
validity of data. It is essential that the SCLK pin be in a logic low
state whenever the CS pin makes any transition. For this
reason, it is recommended, though not necessary, that the
SCLK pin is commanded to a low logic state as long as the
device is not accessed (CS in logic high state). When the CS is
in a logic high state, any signal at the SCLK and SI pins is
ignored and the SO is tri-stated (high impedance).
Serial Input (SI) Pin
The Serial Input (SI) pin is used to enter one of seven serial
instructions into the 33996. SI SPI bits are latched into the Input
Shift register on each falling edge of SCLK. The Shift register is
full after 24 bits of information are entered. The 33996 operates
on the command word on the rising edge of CS. To preserve
data integrity, exercise care not to transition SI as SCLK
transitions from high to low state (see Figure 2, page 8).
Serial Output (SO) Pin
The Serial Output (SO) pin transfers fault status data from
the 33996 to the MCU. The SO pin remains tri-state until the CS
pin transitions to a logic low state. All faults on the 33996 are
reported to the MCU as logic [1]. Conversely, normal operating
outputs with nonfaulted loads are reported as logic [0]. On the
falling edge of the CS signal, output fault status information is
transferred from the Power Outputs Status register into the
device’s SO Shift register. The first eight positive transitions of
SCLK will provide Any Fault (bit 23), Overvoltage Fault (bit 22),
followed by six logic [0]s (bits 21 to 16). The next 16 successive
positive transitions of SCLK provides fault status for output 15
Parallel
Ports
MC68HCXX
Microcontroller
33996
33996
SI
SCLK
CS
SI
SO
SCLK
CS
SCLK
MISO
MOSI
Shift Register
SO
PWM1
PWM
RST
PWM
PWM2
RST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33996

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
MC33996EK FREESCALE-MC33996EK Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EK FREESCALE-MC33996EK Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
More results

Similar Description - MC33996

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com