Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33094DW Datasheet(PDF) 3 Page - Motorola, Inc

Part # PC33094DW
Description  IGNITION CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33094DW Datasheet(HTML) 3 Page - Motorola, Inc

  PC33094DW Datasheet HTML 1Page - Motorola, Inc PC33094DW Datasheet HTML 2Page - Motorola, Inc PC33094DW Datasheet HTML 3Page - Motorola, Inc PC33094DW Datasheet HTML 4Page - Motorola, Inc PC33094DW Datasheet HTML 5Page - Motorola, Inc PC33094DW Datasheet HTML 6Page - Motorola, Inc PC33094DW Datasheet HTML 7Page - Motorola, Inc PC33094DW Datasheet HTML 8Page - Motorola, Inc PC33094DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC33094
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 6.0 V
≤ VD = VCC ≤ 16 V,
–40
°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values are specified for TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUTS
Input Positive Threshold Voltage (VCC = 6.0 V, VCA = VCR = Open,
Vin(–)(th)A
50
54
65
%VCC
VCS = 1.0 V, VST = 6.0 V) (Note 1)
Input Positive Threshold Voltage (VCC = 16 V, VCA = VCR = Open,
Vin(–)(th)B
50
54
65
%VCC
VCS = 1.0 V, VST = 10 V) (Note 2)
Input Hysteresis (VCC = 6.0 V, VCA = VCR = VCS = Open,
Vin(–)(hys)A
0.6
0.72
1.2
V
VST = 6.0 V) (Note 3)
Input Hysteresis (VCC = 16 V, VD = 3.0 V,
Vin(–)(hys)B
1.6
2.23
3.2
V
VCA = VCR = VCS = Open, VST = 10 V) (Note 4)
Input Impedance (VCC = 14 V , Vin(–) = 10 V , VD = 3.0 V,
ZI
70
94
250
k
VCA = VCR = VCS = VST = Open) (Note 5)
NOTES: 1. Ramp up Vin(–) from 1.0 to 5.0 V in 0.1 V increments. Record Vin(–) when ICR goes positive and convert to % of VCC by dividing by VCC.
2. Ramp up Vin(–) from 3.0 to 10 V in 0.1 V increments. Record Vin(–) when ICR goes positive and convert to % of VCC by dividing by VCC.
3. Ramp up Vin(–) from Vin(–)(th)A in 0.01 V increments. Record Vin(–) when ICA goes positive. Vin(–)(hys)A = Vin(–)(th)A – (Vin(–)).
4. Ramp up Vin(–) from Vin(–)(th)B in 0.01 V increments. Record Vin(–) when ICA goes positive. Vin(–)(hys)B = Vin(–)(th)B – (Vin(–)).
5. Measure Iin(–) into Pin 7; ZI = 10 V/Iin(–).
Vin(-)
Vout
Run Mode (Note 1)
Vin(-)
Vout
Run Mode
Stall Mode (Note 3)
Vin(-)
Start Mode (Note 2)
Vout
Figure 1. Basic Timing Diagrams
NOTES: 1. The falling edge of the Vin(–) signals a charge command, while the rising edge signals a spark command.
2. During start mode, stall conditions are prevented.
3. During a stall, the coil is discharged slowly and a quick charge and spark occur on the next spark command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33094DW

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
PC330S61B14 WINCHESTER-PC330S61B14 Datasheet
132Kb / 1P
   30 POSITION STRAIGHT COMPLIANT SOCKET CONNECTOR
More results

Similar Description - PC33094DW

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com