Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7430D20G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7430D20G
Description  Automotive LIN RGB LED Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7430D20G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7430D20G Datasheet HTML 1Page - ON Semiconductor NCV7430D20G Datasheet HTML 2Page - ON Semiconductor NCV7430D20G Datasheet HTML 3Page - ON Semiconductor NCV7430D20G Datasheet HTML 4Page - ON Semiconductor NCV7430D20G Datasheet HTML 5Page - ON Semiconductor NCV7430D20G Datasheet HTML 6Page - ON Semiconductor NCV7430D20G Datasheet HTML 7Page - ON Semiconductor NCV7430D20G Datasheet HTML 8Page - ON Semiconductor NCV7430D20G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
NCV7430
www.onsemi.com
4
Table 2. PIN FUNCTION DESCRIPTION (14 LEAD SON Package)
Pin #
Label
Pin Description
1
ANODE
Anode input for LED fault detection
2
VBIAS
Bias output for ballast transistor
3
VBB
VBB (14 V) Supply Voltage
4
LIN
LIN−bus connection
5
GND
Supply GND
6
TST2
Test pin (ground pin)
7
GND
Supply GND
8
LED3R
Current program resistor to ground for LED3C
9
LED1R
Current program resistor to ground for LED1C
10
LED2R
Current program resistor to ground for LED2C
11
TST1
Test pin (float pin) (Note 1)
12
LED2C
Channel 2 regulated current output to LED cathode
13
LED1C
Channel 1 regulated current output to LED cathode
14
LED3C
Channel 3 regulated current output to LED cathode
1. Floating pin 11 eliminates the possibility of a short to ground of the adjacent pin (LED2C).
Table 3. MAXIMUM RATINGS
Parameter
Min
Max
Unit
VBB
Supply voltage
−0.3
+43 (Note 2)
V
Supply voltage
−0.3
28 (Note 3)
V
Vlin
Bus input voltage (LIN)
−45
+45
V
VVBIAS
Ballast Transistor Drive Voltage Pin (VBIAS)
−0.3
VANODE
V
IBIAS
Ballast Output Drive (VBIAS)
10
mA
VANODE
LED Fault Sense Pin (ANODE) voltage
−0.3
VBB
V
VLEDC
LED Current Pin (LEDxC) voltage (Note 7)
−0.3
VBB
V
VLEDR
Program Current Pin (LEDxR) voltage (Note 4)
−0.3
3.6
V
TJ
Junction temperature range (Note 5)
−50
+175
°C
Tflw
Peak Reflow Soldering Temperature: Pb−Free
60 to 150 seconds at 217
°C (Note 6)
260 peak
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. For limited time: t < 0.5 s.
3. t < 3 minutes
4. VLEDR cannot exceed VLEDC.
5. The circuit functionality is not fully guaranteed outside operating temperature range.
6. For additional information, see or download ON Semiconductor’s Soldering and Mounting Techniques Reference Manual, SOLDERRM/D,
and Application Note AND8003/D.
7. Capacitive loading on LEDxC pins is limited to < 200 pF for proper functionality.
Table 4. ATTRIBUTES
Characteristics
Value
ESD Capability
Human Body Model (LIN Pin)
(Note 8)
Human Body Model (All Remaining Pins)
Machine Model
>
± 4 kV
>
± 2 kV
>
± 200 V
Moisture Sensitivity Level (Note 6)
MSL 2
Storage Temperature
−55
°C to 150°C
Package Thermal Resistance
Junction−to−Ambient (RqJA) (2S2P) (Note 9)
Junction−to−Pin (RyJL) (Pins 4 & 11)
100
°K/W
53
°K/W
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
8. HBM according to AEC−Q100: EIA−JESD22−A114−B (100 pF via 1.5 k
W) and MM according to AEC−Q100: EIA−JESD22−A115−A.
9. Simulated conform JEDEC JESD51


Similar Part No. - NCV7430D20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430D20G ONSEMI-NCV7430D20G Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
More results

Similar Description - NCV7430D20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
[Old version datasheet]   RGB Backlight LED Driver
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
   RGB LED Driver Demonstration Board
07/14/15
logo
STMicroelectronics
L99DZ120 STMICROELECTRONICS-L99DZ120 Datasheet
2Mb / 162P
   Automotive door actuator driver with embedded LIN
November 2016 Rev 4
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com