Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN49599 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN49599
Description  Power Line Communication Modem
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN49599 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN49599 Datasheet HTML 2Page - ON Semiconductor NCN49599 Datasheet HTML 3Page - ON Semiconductor NCN49599 Datasheet HTML 4Page - ON Semiconductor NCN49599 Datasheet HTML 5Page - ON Semiconductor NCN49599 Datasheet HTML 6Page - ON Semiconductor NCN49599 Datasheet HTML 7Page - ON Semiconductor NCN49599 Datasheet HTML 8Page - ON Semiconductor NCN49599 Datasheet HTML 9Page - ON Semiconductor NCN49599 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
NCN49599
www.onsemi.com
6
Table 4. NCN49599 QFN PIN FUNCTION DESCRIPTION
Pin Number
Description
Type
I/O
Pin Name
23
VDD1V8
P
1.8 V regulator output. A decoupling capacitor of at least 1
mF is
required for stability
26
TXD
Out
D, 5VS, OD
UART transmit output
27
RXD
In
D, 5VS
UART receive input
28
SCK
Out
D, 5VS
SPI interface to external Flash: clock
29
SDI
In
D, 5VS, ST
SPI interface to external Flash: serial data input (Note 6)
30
SDO
Out
D, 5VS
SPI interface to external Flash: serial data output
31
CSB
In
D, 5VS
SPI interface to external Flash: chip select
32
IO2
In/Out
D, 5VS, ST
Must be kept low while firmware is loaded over the serial inter-
face; available as a normal GPIO afterwards (Note 3)
33
SEN
In
D, 5VS, PD, ST
Boot mode selection (refer to Boot Loader section)
34
BR1
In
D, 5VS
UART baud rate selection
35
BR0
In
D, 5VS
UART baud rate selection
37
RESB
In
D, 5VS, ST
Reset (active low)
38
TEST
In
D, 5VS, ST, PD
Production hardware test enable (Note 5)
39
TX_ENB
Out
D, 5VS, OD
Transmit enable (active low)
40
NC
This pin is not connected and must be connected to ground (recommended) or left open
41
TX_OUT
Out
A
Transmitter output
42
ALC_IN
In
A
Automatic level control input
43
VDDA
P
3.3 V analog supply
44
VSSA
P
Analog ground
45
RX_OUT
Out
A
Output of receiver operational amplifier
46
RX_IN
In
A
Non−inverting input of receiver operational amplifier
47
REF_OUT
Out
A
Internal voltage reference. A decoupling capacitor of at least 1
mF
is required for stability
48
ZC_IN
In
A
50/60 Hz input for mains zero crossing detection
49
ENB
In
D
Enable / shutdown power amplifier (active low)
50
A+
In
A
Non−inverting input of operational amplifier A
51
A−
In
A
Inverting input of operational amplifier A
52
A_OUT
Out
A
Output of operational amplifier A
53
VCC
P
Positive supply for power amplifiers A and B
54
B_OUT1
Out
A
Output of operational amplifier B
55
B_OUT2
Out
A
Output of operational amplifier B
3. The direction and function of the general−purpose I/O’s is controlled by the firmware. Depending on the firmware behavior, a general− purpose
IO (GPIO) used as an output may appear as an open−drain, push−pull or open−source pin. Refer to the firmware documentation for details.
4. During boot (i.e., before firmware has been uploaded) this pin is an output and indicates the status of the boot loader. Once firmware has
been loaded, the pin is available as a GPIO.
5. During normal operation, this pin must be tied to ground (recommended) or left open.
6. If the modem is not loading the firmware from an external SPI memory, it is recommended that this pin is tied to ground or Vdd.
7. During normal operation, it is recommended that this pin is tied to ground.
8. During normal operation, this pin must be tied to Vdd.
9. If a general purpose IO is configured as an output, the pull−down resistor is disconnected.
P:
Power pin
5VS:
5 V safe; pin that supports the presence of 5 V if used as input or as open−drain output
A:
Analogue pin
Out:
Output signal
D:
Digital pin
In:
Input signal
PD:
Internal Pull Down resistor (Note 9)
OD:
Open Drain Output


Similar Part No. - NCN49599

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49599MNG ONSEMI-NCN49599MNG Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
NCN49599MNG ONSEMI-NCN49599MNG Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49599MNRG ONSEMI-NCN49599MNRG Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
NCN49599MNTWG ONSEMI-NCN49599MNTWG Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
More results

Similar Description - NCN49599

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
   Programmable power line communication modem System on Chip
June 2018 Rev 3
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
   10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com