Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33094 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC33094
Description  IGNITION CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33094 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC33094 Datasheet HTML 3Page - Motorola, Inc MC33094 Datasheet HTML 4Page - Motorola, Inc MC33094 Datasheet HTML 5Page - Motorola, Inc MC33094 Datasheet HTML 6Page - Motorola, Inc MC33094 Datasheet HTML 7Page - Motorola, Inc MC33094 Datasheet HTML 8Page - Motorola, Inc MC33094 Datasheet HTML 9Page - Motorola, Inc MC33094 Datasheet HTML 10Page - Motorola, Inc MC33094 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC33094
7
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Characteristics noted under conditions 6.0 V
≤ VD = VCC ≤ 16 V,
–40
°C ≤ TA ≤ 125°C, unless otherwise noted. Typical values are specified for TA = 25°C.)
Characteristic
Unit
Max
Typ
Min
Symbol
TIMING
Stall Shutdown Time
tsst
13.6
20.9
26.5
ms
(Data from ICS2, VCS1, VCS2) (Note 7)
Stall Frequency (Note 8)
fs
1.69
2.26
2.8
Hz
Battery Interrupt Time (VCC = Vin(–) = VST = 0 V,
tbit
25
66.65
200
ms
VCA = VCR = Open, VCS = 6.0 V) (Note 9)
NOTES: 1. Measure time until VO > 0.2 V. The Negative Edge Filter prevents multiple output sparks caused by switching transients present at the input by
disabling the once used input for the filter time t.
2. Propagation delay time measurement of input to output response; Step change Vin(–) from 0 to 10 V. Measure the time required for
VO < 1.5 V.
3. tsdp = (VCA1 – VCA2) x CA/ICA4; CA = 0.1 µF.
4. tsdn = [(VCA1 – VCA2) x CA/ICA5] + t1; CA = 0.1 µF.
5. tsod = (VCS1 – VCS2) x CS/ICS1; CS = 0.1 µF.
6. tssd = (VCS1 – VCS2) x CS/ICS3; CS = 0.1 µF.
7. tsst = (VCS1 – VCS2) x CS/ICS2; CS = 0.1 µF.
8. fss = 1/[(5.4/Vin(+)(th)) + (4.3/ICS4) + (2/ICS2)] x CS; CS = 0.1 µF.
9. tbit = [(VCS – 0.7 V)/ICS1] x CS; CS 0.1 µF.
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-50
0
50
100
150
T, TEMPERATURE (°C)
Figure 3. Input Positive Threshold Voltage
versus Temperature
VCC = 16 V
VCC = 14 V
VCC = 6.0 V
2.0
3.0
4.0
5.0
6.0
7.0
Figure 4. Input Negative Threshold Voltage
versus Temperature
VCC = 16 V
VCC = 6.0 V
-50
0
50
100
150
T, TEMPERATURE (°C)
2.2
2.4
2.6
2.8
3.0
3.2
Figure 5. Output Current Change
versus Temperature
40
60
80
100
120
140
160
Vin(-) = Open
VCC = 16 V
Pin 6 = 10 V
ZI = 10 V/Iin(-)
Figure 6. Input Impedance versus Temperature
-50
0
50
100
150
T, TEMPERATURE (°C)
VO from 10 to 22 V
-50
0
50
100
150
T, TEMPERATURE (°C)
VST = 10 V
VST = 10 V
VST = 6.0 V
VCS = 1.0 V
VCA = VCR = Open
VST = 10 V
VCA = VCR = VCS = Open
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33094

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MC3309124-005-C ATGBICS-MC3309124-005-C Datasheet
170Kb / 3P
   MC3309124-005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
MC3309124-007-C ATGBICS-MC3309124-007-C Datasheet
152Kb / 3P
   MC3309124-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
MC3309130-002-C ATGBICS-MC3309130-002-C Datasheet
152Kb / 3P
   MC3309130-002 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
MC3309130-003-C ATGBICS-MC3309130-003-C Datasheet
151Kb / 3P
   MC3309130-003 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
MC3309130-00A-C ATGBICS-MC3309130-00A-C Datasheet
152Kb / 3P
   MC3309130-00A NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (0.5m, Passive)
More results

Similar Description - MC33094

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com