Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN49597 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN49597
Description  Power Line Communication Modem
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN49597 Datasheet(HTML) 5 Page - ON Semiconductor

  NCN49597_17 Datasheet HTML 1Page - ON Semiconductor NCN49597_17 Datasheet HTML 2Page - ON Semiconductor NCN49597_17 Datasheet HTML 3Page - ON Semiconductor NCN49597_17 Datasheet HTML 4Page - ON Semiconductor NCN49597_17 Datasheet HTML 5Page - ON Semiconductor NCN49597_17 Datasheet HTML 6Page - ON Semiconductor NCN49597_17 Datasheet HTML 7Page - ON Semiconductor NCN49597_17 Datasheet HTML 8Page - ON Semiconductor NCN49597_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NCN49597
www.onsemi.com
5
PIN DESCRIPTION − QFN Package
NCN49597
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
IO8
IO6
TMS
TCK
TDI
TDO
IO0
IO5
IO4
IO3
NC
ZC_IN
SDO
CSB
IO2
SEN
BR1
BR0
IO1
TEST
NC
NC
TRST
RES
TX_EN
NC
Figure 2. QFN Pin−out of NCN49597 (top view)
Table 4. NCN49597 QFN PIN FUNCTION DESCRIPTION
Pin Number
Pin Name
I/O
Type
Description
1
ZC_IN
In
A
50/60 Hz input for mains zero crossing detection
3..5, 12..14
IO3..IO7
In/Out
D, 5VS, ST
General purpose I/O’s (Note 3)
6, 33
IO0, IO1
In/Out
D, 5VS, ST
General purpose I/O’s (Notes 3 and 4)
13, 23
IO8, IO9
In/Out
D, 5VS, ST, PD
General purpose IO (Notes 3 and 9)
7
TDO
Out
D
JTAG test data output
8
TDI
In
D, 5VS, PD, ST
JTAG test data input (Note 7)
9
TCK
In
D, 5VS, PD
JTAG test clock (Note 7)
10
TMS
In
D, 5VS, PD
JTAG test mode select (Note 7)
11
TRSTB
In
D, 5VS, PD, ST
JTAG test reset (active low) (Note 8)
15
EXT_CLK_E
In
D, 5VS, PD, ST
External clock enable input
16
DATA/PRES
Out
D, 5VS, OD
Output of transmitted data (DATA) or PRE_SLOT signal (PRES)
17
XIN
In
A, 1.8 V
Crystal oscillator input
18
XOUT
Out
A, 1.8 V
Crystal oscillator output (output must be left floating when XIN is
driven by an external clock)
19
VDD1V8
P
1.8 V regulator output. A decoupling capacitor of at least 1
mF is
required for stability
20
VSS
P
Digital ground
21
VDD
P
3.3 V digital supply
3. The direction and function of the general−purpose I/O’s is controlled by the firmware. Depending on the firmware behavior, a general−pur-
pose IO (GPIO) used as an output may appear as an open−drain, push−pull or open−source pin. Refer to the firmware documentation
for details.
4. During boot (i.e., before firmware has been uploaded) this pin is an output and indicates the status of the boot loader. Once firmware has
been loaded, the pin is available as a GPIO.
5. During normal operation, this pin must be tied to ground (recommended) or left open.
6. If the modem is not loading the firmware from an external SPI memory, it is recommended that this pin is tied to ground or Vdd.
7. During normal operation, it is recommended that this pin is tied to ground.
8. During normal operation, this pin must be tied to Vdd.
9. If a general purpose IO is configured as an output, the pull−down resistor is disconnected.


Similar Part No. - NCN49597_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597C5972G ONSEMI-NCN49597C5972G Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
NCN49597C5972RG ONSEMI-NCN49597C5972RG Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
More results

Similar Description - NCN49597_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
   Programmable power line communication modem System on Chip
June 2018 Rev 3
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
   10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com