Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-29052-FXA-JD-B1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-29052-FXA-JD-B1
Description  Interline CCD Image Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-29052-FXA-JD-B1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-29052-FXA-JD-B1 Datasheet HTML 2Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 3Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 4Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 5Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 6Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 7Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 8Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 9Page - ON Semiconductor KAI-29052-FXA-JD-B1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
KAI−29052
www.onsemi.com
6
Table 4. PIN DESCRIPTION
Pin
Name
Description
1
V3B
Vertical CCD Clock, Phase 3, Bottom
3
V1B
Vertical CCD Clock, Phase 1, Bottom
4
V4B
Vertical CCD Clock, Phase 4, Bottom
5
VDDa
Output Amplifier Supply, Quadrant a
6
V2B
Vertical CCD Clock, Phase 2, Bottom
7
GND
Ground
8
VOUTa
Video Output, Quadrant a
9
Ra
Reset Gate, Quadrant a
10
RDa
Reset Drain, Quadrant a
11
H2SLa
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant a
12
OGa
Output Gate, Quadrant a
13
H1Ba
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant a
14
H2Ba
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant a
15
H2Sa
Horizontal CCD Clock, Phase 2,
Storage, Quadrant a
16
H1Sa
Horizontal CCD Clock, Phase 1,
Storage, Quadrant a
17
SUB
Substrate
18
FDGab
Fast Line Dump Gate, Bottom
19
N/C
No Connect
20
FDGab
Fast Line Dump Gate, Bottom
21
H2Sb
Horizontal CCD Clock, Phase 2,
Storage, Quadrant b
22
H1Sb
Horizontal CCD Clock, Phase 1,
Storage, Quadrant b
23
H1Bb
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant b
24
H2Bb
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant b
25
H2SLb
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant b
26
OGb
Output Gate, Quadrant b
27
Rb
Reset Gate, Quadrant b
28
RDb
Reset Drain, Quadrant b
29
GND
Ground
30
VOUTb
Video Output, Quadrant b
31
VDDb
Output Amplifier Supply, Quadrant b
32
V2B
Vertical CCD Clock, Phase 2, Bottom
33
V1B
Vertical CCD Clock, Phase 1, Bottom
34
V4B
Vertical CCD Clock, Phase 4, Bottom
35
V3B
Vertical CCD Clock, Phase 3, Bottom
36
ESD
ESD Protection Disable
Pin
Name
Description
72
ESD
ESD Protection Disable
71
V3T
Vertical CCD Clock, Phase 3, Top
70
V4T
Vertical CCD Clock, Phase 4, Top
69
V1T
Vertical CCD Clock, Phase 1, Top
68
V2T
Vertical CCD Clock, Phase 2, Top
67
VDDc
Output Amplifier Supply, Quadrant c
66
VOUTc
Video Output, Quadrant c
65
GND
Ground
64
RDc
Reset Drain, Quadrant c
63
Rc
Reset Gate, Quadrant c
62
OGc
Output Gate, Quadrant c
61
H2SLc
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant c
60
H2Bc
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant c
59
H1Bc
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant c
58
H1Sc
Horizontal CCD Clock, Phase 1,
Storage, Quadrant c
57
H2Sc
Horizontal CCD Clock, Phase 2,
Storage, Quadrant c
56
FDGcd
Fast Line Dump Gate, Top
55
N/C
No Connect
54
FDGcd
Fast Line Dump Gate, Top
53
SUB
Substrate
52
H1Sd
Horizontal CCD Clock, Phase 1,
Storage, Quadrant d
51
H2Sd
Horizontal CCD Clock, Phase 2,
Storage, Quadrant d
50
H2Bd
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant d
49
H1Bd
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant d
48
OGd
Output Gate, Quadrant b
47
H2SLd
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant d
46
RDd
Reset Drain, Quadrant d
45
Rd
Reset Gate, Quadrant d
44
VOUTd
Video Output, Quadrant d
43
GND
Ground
42
V2T
Vertical CCD Clock, Phase 2, Top
41
VDDd
Output Amplifier Supply, Quadrant d
40
V4T
Vertical CCD Clock, Phase 4, Top
39
V1T
Vertical CCD Clock, Phase 1, Top
38
DevID
Device Identification
37
V3T
Vertical CCD Clock, Phase 3, Top
1. Like named pins are internally connected and should have a common drive signal.
2. N/C pins (19, 55) should be left floating.


Similar Part No. - KAI-29052-FXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-29050 ONSEMI-KAI-29050 Datasheet
961Kb / 33P
   Interline CCD Image Sensor
April, 2015 ??Rev. 8
KAI-29050 ONSEMI-KAI-29050 Datasheet
845Kb / 33P
   Interline CCD Image Sensor
September, 2016 ??Rev. 9
KAI-29050 ONSEMI-KAI-29050 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
KAI-29050-AAA-JP-AE ONSEMI-KAI-29050-AAA-JP-AE Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
KAI-29050-AAA-JP-B1 ONSEMI-KAI-29050-AAA-JP-B1 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
More results

Similar Description - KAI-29052-FXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com