Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709511FQD-A00TWG Datasheet(PDF) 7 Page - ON Semiconductor

Part # LC709511FQD-A00TWG
Description  Power Bank Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709511FQD-A00TWG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC709511FQD-A00TWG Datasheet HTML 3Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 4Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 5Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 6Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 7Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 8Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 9Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 10Page - ON Semiconductor LC709511FQD-A00TWG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LC709511F
www.onsemi.com
7
DVDD
P‐
LC709511F
GND
TEST1
TEST2
Application board
Power supply
or Battery
P+
Writing 
tool
DVDD
TEST1
REFERENCE SOFTWARE
Writing tool
This device has non-volatile memory, and can implement the
function of each USB port by writing software. It is capable of
writing on user application board with dedicated writing tool.
Figure 3 shows a connection between the application board and
the writing tool. Please refer to an application note for the details
of the tool.
Figure 3: Connection example to write software
USB Support
Appropriate software enables various functions of USB ports.
ON semiconductor provides some software as reference. It is
active
to
download
them
from
the
homepage
of
ON
Semiconductor.
The explanation about the functions of two Reference software
are as follows. They are distinguished by the type name which is
FW02 and FW05.
 FW02
Micro-B Sink, Type-A Source
2-ch, Quick Charge 3.0
HVDCP, USB detection, Smart switch, Boost auto start-up,
External Boost-IC.
 FW05
Type-C Sink/Source, Type-A Source, Quick Charge 3.0
HVDCP, USB detection, Smart switch, Boost auto start-up,
External Boost-IC.
The Relationship between the Reference software and the USB
port functions is shown in Table 4 and Figures 4, 5 and 6 USB1
port of FW02 is a power sink for Buck charge. And it contains
USB Detection functions of BC1.2 and divided mode. USB2 port
is a power source for Boost charge. Quick Charge 3.0 are only
enabled for USB2 port. Another power source that is USB3
supports DCP and Divided mode. The USB3+/- pins are Smart
switch, they will switch to DCP or Divided mode so that
connected device can receive maximum power. USB3 port is
boosted by an external Boost-IC. This device runs the Boost-IC
when it detects the plug insertion to USB3 port.
USB1 port of FW05 is capable of controlling USB Type-C and
Quick Charge 3.0 and BC1.2. It can be dual-role, source or sink.
The CC1x and CC2x pins will detect the connection and the role.
When the role is a sink, the USB1+/- pins will detect source
capacity according to BC1.2, Divided mode or Type-C current.
When the role is a source, it behaves as Quick Charge 3.0
HVDCP. In the Type-C port Buck charge with Dead battery and
Electronically marked cable are supported.
Power Bank application
Figure 7 and 8 show typical Power Bank application with FW02
and FW05 each.
Buck charge mode: Built-in battery charging via USB.
Boost charge mode: Charging the device from built-in battery via USB.
Table 4 Reference software vs USB functions
Reference
software
USB
Port
USB
Type
D+/- pins
Buck
Charge
Boost
Charge
Quick Charge
3.0 HVDCP
USB
Detection
Smart
switch
Boost auto
start-up
External
Boost-IC
FW02
USB1
Micro-B
USB1+
USB1-
USB2
Type-A
USB2+
USB2-
USB3
Type-A
USB3+
USB3-
FW05
USB1
Type-C
USB1+
USB1-
(Source mode)
(Sink mode)
(Note 3)
USB3
Type-A
USB3+
USB3-
(Note 3) Communication channel detects the Sink connection.


Similar Part No. - LC709511FQD-A00TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
LC709501F ONSEMI-LC709501F Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501FQD-A00TXG ONSEMI-LC709501FQD-A00TXG Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
More results

Similar Description - LC709511FQD-A00TWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709501F ONSEMI-LC709501F_17 Datasheet
886Kb / 29P
   Power Bank Controller
February 2017 - Rev. 1
LC709501F ONSEMI-LC709501F Datasheet
873Kb / 30P
   Power Bank Controller
September 2016 - Rev. 0
logo
NTE Electronics
57-PB1 NTE-57-PB1 Datasheet
266Kb / 1P
   Power Bank
logo
Holtek Semiconductor In...
HT45F4MA HOLTEK-HT45F4MA Datasheet
5Mb / 145P
   Power Bank Flash MCU
HT45F4N HOLTEK-HT45F4N Datasheet
7Mb / 170P
   Power Bank Flash MCU
logo
ATMEL Corporation
AT91SAM9G45PRE ATMEL-AT91SAM9G45PRE Datasheet
19Mb / 1218P
   DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813_15 Datasheet
645Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
Holtek Semiconductor In...
HT45F5N HOLTEK-HT45F5N Datasheet
7Mb / 202P
   Power Bank ASSP Flash MCU
logo
Active-Semi, Inc
ACT2813 ACTIVE-SEMI-ACT2813 Datasheet
646Kb / 23P
   5V/2.4A Power Bank Solution
Rev 2, 19-May-15
logo
A-Data Technology
AE400 A-DATA-AE400 Datasheet
3Mb / 2P
   Wireless storage reader and power bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com