Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8559ETAG2 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8559ETAG2
Description  Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8559ETAG2 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8559ETAG2 Datasheet HTML 2Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 3Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 4Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 5Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 6Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 7Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 8Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 9Page - Maxim Integrated Products MAX8559ETAG2 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX8559 is a dual, low-noise, low-dropout, low-qui-
escent-current linear regulator designed primarily for
battery-powered applications. The regulators are avail-
able with preset 1.5V to 3.3V output voltages. These out-
puts can supply loads up to 300mA with a 4.7µF output
capacitor, or up to 150mA with a 2.2µF output capacitor.
As illustrated in the Functional Diagram, the MAX8559
consists of a 1.25V reference, error amplifiers, P-chan-
nel pass transistors, internal feedback voltage-dividers,
and autodischarge circuitry.
Feedback Control Loop
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares
this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, allowing more current to pass to the output and
increasing the output voltage. If the feedback voltage is
too high, the pass-transistor gate is pulled up, allowing
less current to pass to the output. The output voltage is
fed back through an internal resistor voltage-divider
connected to OUT_.
Internal P-Channel Pass Transistor
The MAX8559 features two 0.6Ω P-channel MOSFET
pass transistors. A P-channel MOSFET provides sever-
al advantages over similar designs using PNP pass
transistors, including longer battery life. It requires no
base drive, reducing quiescent current considerably.
PNP-based regulators waste considerable current in
dropout when the pass transistor saturates, and they
also use high base-drive currents under large loads.
The MAX8559 does not suffer from these problems,
and with both outputs on it only consumes 180µA of
Dual, 300mA, Low-Noise Linear Regulator
with Independent Shutdown in UCSP or TDFN
6
_______________________________________________________________________________________
Pin Description
PIN
TDFN
UCSP
NAME
FUNCTION
1A1
INA
LDO A Regulator Input. Connect to INB. Input voltage can range from 2.5V to 6.5V. Bypass INA
with a ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability section).
2A2
SHDNA
Shutdown A Input. A logic-low on SHDNA shuts down regulator A. If SHDNA and SHDNB are both
low, both regulators and the internal reference are off and the supply current is reduced to 10nA
(typ). If either SHDNA or SHDNB is a logic high, the internal reference is on. Connect SHDNA to
INA for always-on operation of regulator A.
3A3
SHDNB
Shutdown B Input. A logic-low on SHDNB shuts down regulator B. If SHDNA and SHDNB are both
low, both regulators and the internal reference are off and the supply current is reduced to 10nA
(typ). If either SHDNA or SHDNB is a logic high, the internal reference is on. Connect SHDNB to
INB for always-on operation of regulator B.
4A4
INB
LDO B Regulator Input. Connect to INA. Input voltage can range from 2.5V to 6.5V. Bypass INB
with a ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability section).
5B4
OUTB
Regulator B Output. OUTB can source up to 300mA continuous current. Bypass OUTB with a
ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability section). During
shutdown, OUTB is internally discharged to GND through a 385
Ω resistor.
6B3
GND
Ground
7B2
BP
Reference Noise Bypass. Bypass BP with a low-leakage 0.01µF ceramic capacitor for reduced
noise at both outputs.
8B1
OUTA
Regulator A Output. OUTA can source up to 300mA continuous current. Bypass OUTA with a
ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability section). During
shutdown, OUTB is internally discharged to GND through a 385
Ω resistor.
EP
Exposed
Paddle
Connect to ground plane. EP also functions as a heatsink. Solder to the circuit-board ground
plane to maximize thermal dissipation.


Similar Part No. - MAX8559ETAG2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559ETAXY+T MAXIM-MAX8559ETAXY+T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559ETAXY-T MAXIM-MAX8559ETAXY-T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
More results

Similar Description - MAX8559ETAG2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com