Electronic Components Datasheet Search |
|
GRM0222C1H4R4CA03L Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
GRM0222C1H4R4CA03L Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 30 page 15 High Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Temperature High Humidity Capacitance Within +/-7.5% or +/-0.75pF Test Temperature : 40+/-2℃ (Steady) Change (Whichever is larger) Test Humidity : 90%RH to 95%RH Test Time : 500+/-12h Q or D.F. 30pF and over:Q≧200 Applied Voltage : DC Rated Voltage 30pF and below Charge/discharge current : 50mA max. :Q≧100+10C/3 Exposure Time : 24+/-2h C:Nominal Capacitance(pF) I.R. More than 500MΩ or 25Ω·F (Whichever is smaller) 16 Durability Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Capacitance Within +/-3% or +/-0.3pF Test Temperature : Max. Operating Temp. +/-3℃ Change (Whichever is larger) Test Time : 1000+/-12h Applied Voltage : 200% of the rated voltage Q or D.F. 30pF and over:Q≧350 Charge/discharge current : 50mA max. 10pF and over Exposure Time : 24+/-2h 30pF and below : Q≧275+5C/2 10pF and below : Q≧200+10C C:Nominal Capacitance (pF) I.R. More than 1,000MΩ or 50Ω·F (Whichever is smaller) Test Method (Ref. Standard:JIS C 5101, IEC60384) Specification No Item Type Applied Force(N) GRM02 1 GRM03 2 GRM15/GRM18 5 GRM21/GRM31/GRM32 10 Table A Char. Capacitance Change from 20 C (%) (5C only : 25C) -55℃ -30℃ -25℃ -10℃ Max. Min. Max. Min. Max. Min. Max. Min. 2C 0.82 -0.45 - - 0.49 -0.27 0.33 -0.18 3C 1.37 -0.90 - - 0.82 -0.54 0.55 -0.36 4C 2.56 -1.88 - - 1.54 -1.13 1.02 -0.75 5C 0.58 -0.24 0.40 -0.17 - - 0.25 -0.11 JEMCGS-04590A 4 |
Similar Part No. - GRM0222C1H4R4CA03L |
|
Similar Description - GRM0222C1H4R4CA03L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |