Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTSM101A Datasheet(PDF) 1 Page - First Components International

Part # FTSM101A
Description  VOLTAGE AND CURRENT CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTSM101A Datasheet(HTML) 1 Page - First Components International

  FTSM101A Datasheet HTML 1Page - First Components International FTSM101A Datasheet HTML 2Page - First Components International FTSM101A Datasheet HTML 3Page - First Components International FTSM101A Datasheet HTML 4Page - First Components International FTSM101A Datasheet HTML 5Page - First Components International FTSM101A Datasheet HTML 6Page - First Components International FTSM101A Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.24V SERIES VOLTAGE RERFERENCE WITH 10mA OUTPUT
CURRENT AND 1% PRECISION
TWO OPERATIONAL AMPLIFIERS WITH ORED OUTPUT AND
1MHZ GAIN BANDWIDTH PRODUCT
BUILT-IN CURRENT GENERATOR WITH ENABLE/DISABLE
FUNCTION
4.5 TO 32V SUPPLY VOLTAGE RANGE
SO8 AND DIP8 PACKAGES
DESCRIPTION
The FTSM101A integrated circuit incorporates a high stability series
band gap voltage reference, two ORed operational amplifiers and a cur-
rent source.
This IC compares the DC voltage and the current level a the output of a
switching power supply to an internal reference. It provides a feedback
through an optocoupler to the PWM controller IC in the primary side.
The controlled current generator can be used to modify the level of cur-
rent limitation by offsetting the information coming from the current sen-
sing resistor.
APPLICATIONS
This circuit is designed to be used in battery chargers with a constant
voltage and a limited output current.
It can be used in every types of application requiring a precision
voltage regulation and current limitation.
Other applications include voltage supervisors, over voltage
PIN CONNECTIONS (top view)
protection
ORDER CODE
Package
Part
Number
Temperature Range
N
D
KGM101AI
-40ºC, +105ºC
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) – also available in Tape & Reel (DT)
1
3
4
2
8
6
5
7
+
-
+
-
Vref
N
DIP8
Plastic Package
D
SO-8
Plastic Micropackage
ORDERING NUMBER:
FTSM
101AN
Plastic Package
FTSM
101AD
Plastic Micropackage
FTSM101A VOLTAGE AND CURRENT CONTROLLER


Similar Part No. - FTSM101A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
FTSM103A FCI-FTSM103A Datasheet
207Kb / 9P
   Dual Operational Amplifier and Voltage Reference MEDIUM BANDWIDTH (unity gain) : 0.9MHz
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
   Quad Operational Amplifier and Programmable Voltage Reference
More results

Similar Description - FTSM101A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
STMicroelectronics
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
June 2001
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
   Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com