Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA50VW-050S024SS Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA50VW-050S024SS
Description  50W Water-Proof Constant Voltage LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA50VW-050S024SS Datasheet(HTML) 1 Page - Vitec Power

  ILPA50VW-050S024SS Datasheet HTML 1Page - Vitec Power ILPA50VW-050S024SS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA50VW SERIES
50W Water-Proof Constant Voltage LED Driver
Wide Input Voltage 90 to 264VAC, 47 to 63Hz
Constant Output Voltage Available for 12VDC and 24VDC
Over Voltage, Short Circuit, and Over Temperature Protection
High Efficiency (up to 86%)
Active Power Factor Correction (PFC) (87% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation (Pending)
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max.
Output Current
Efficiency
(220VAC, Full Load)
Over Voltage Protection
Min / Typ / Max
Max.
Output Power
ILPA50VW-050S012SS
12 VDC
3.00 A
84%
14V / 16V / 18V
36W
ILPA50VW-050S024SS
24 VDC
2.10 A
86%
29V / 33V / 36V
50W
Item -050S012SS, -050S024SS use Class 2 output (USR & CNR).
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
50
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.7
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.35
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
86
87
%
Power Factor Correction
Vin=220VAC
84
85
%
Efficiency
Io=Full Load, Vin=230VAC
86
%
No-Load Power Consumption
No Load, VIn=230VAC
1
W
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
3
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Current Protection
120
130
170
% Io
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
3
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
2
% Vo
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Humidity: 10% RH to 100% RH
-35
60
°C
Storage Temperature
Humidity: 5% RH to 100% RH
-40
85
°C
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.3M
Hours
Life Time at 25°C ambient temperature
0.08M
Hours
No output power derating from -35°C to 70°C


Similar Part No. - ILPA50VW-050S024SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA50VW-050S024SS Vitec-ILPA50VW-050S024SS Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
More results

Similar Description - ILPA50VW-050S024SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA50VW-SERIES Vitec-ILPA50VW-SERIES Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA30VW Vitec-ILPA30VW Datasheet
280Kb / 2P
   30W Water-Proof Constant Voltage LED Driver
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA75VU Vitec-ILPA75VU Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA75VU-SERIES Vitec-ILPA75VU-SERIES Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA150VU-SERIES Vitec-ILPA150VU-SERIES Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
ILPA75VW Vitec-ILPA75VW Datasheet
294Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com