Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA40JUD-S333DS Datasheet(PDF) 2 Page - Vitec Power

Part # ILPA40JUD-S333DS
Description  40W Dimmable Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA40JUD-S333DS Datasheet(HTML) 2 Page - Vitec Power

  ILPA40JUD-S333DS Datasheet HTML 1Page - Vitec Power ILPA40JUD-S333DS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Humidity: 10% RH to 100% RH
-20
70
°C
Storage Temperature
Humidity: 5% RH to 100% RH
-40
85
°C
MTBF: Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.487M
Hours
Life Time at 25°C ambient temperature
0.077M
Hours
Approvals and Compliance
Parameter
Standards
EMI
EN55015
EMS
EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4-3, , EN61000-4-4, , EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-11, EN61547
Safety UL/c-UL, CE
(Pending) UL8750 Compliant to UL1310 ClaST 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1,
CSA-C22.2 No.250.0, EN61347-1,EN61347-2-13
Waterproof
IP66 Rating
Mechanical
Parameter
Specification
Dimension,
78x80x25mm (3.07x3.15x0.98 inches)
Net Weight
200g
approx.
Dimming Control
Parameter
Min.
Typ.
Max.
Unit
10V Output Voltage
9.8
10V
10.2
VDC
10V Output Source Current
-10
-
2
mA
Absolute Max. Voltage on the 1~10V Input Pin
-2
-
15
VDC
Source Current on 0-10V Input Pin
0
-
1
mA
The dimmer control may be operated from either a potentiometer or from an input signal of 0 ~ 10 Vdc. Two recommended implementations are provided
above
Notes:
1.
For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold (approx. 33% of t he max. output
voltage for any given model).
2.
If the output voltage is maintained above 50% of the maximum output voltage, the dimmer control may be operated over the entire 0-10V
range with output current varying from 100% down to practically 0%.
3.
If the output voltage is maintained between 33-50% of the maximum output voltage, the dimmer control may be operated over 5-10V range
with output current


Similar Part No. - ILPA40JUD-S333DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD-S333DS Vitec-ILPA40JUD-S333DS Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA40JUD-S333DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD-SERIES Vitec-ILPA40JUD-SERIES Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA25JUD-SERIES Vitec-ILPA25JUD-SERIES Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD-SERIES Vitec-ILPA35JUD-SERIES Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD Vitec-ILPA35JUD Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com