Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F74ULPVA Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB15F74ULPVA
Description  Dual Serial Input PLL Frequency Synthesizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F74ULPVA Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB15F74ULPVA Datasheet HTML 7Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 8Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 9Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 10Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 11Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 12Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 13Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 14Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MB15F74UL
11
3.
Power Saving Mode (Intermittent Mode Control Circuit)
The intermittent mode control circuit reduces the PLL power consumption.
By setting the PS pin low, the device enters into the power saving mode, reducing the current consumption. See
the Electrical Characteristics chart for the specific value.
The phase detector output, Do, becomes high impedance.
For the dual PLL, the lock detector, LD, is as shown in the LD Output Logic table.
Setting the PS pin high, releases the power saving mode, and the device works normally.
The intermittent mode control circuit also ensures a smooth startup when the device returns to normal operation.
When the PLL is returned to normal operation, the phase comparator output signal is unpredictable. This is
because of the unknown relationship between the comparison frequency (fp) and the reference frequency (fr)
which can cause a major change in the comparaor output, resulting in a VCO frequency jump and an increase
in lockup time.
To prevent a major VCO frequency jump, the intermittent mode control circuit limits the magnitude of the error
signal from the phase detector when it returns to normal operation.
Notes :
• When power (VCC) is first applied, the device must be in standby mode.
• PS pin must be set “L” at Power-ON.
Status
PS pin
Normal mode
H
Power saving mode
L
ON
OFF
VCC
Clock
Data
LE
PS
(1)
(2)
(3)
tPS
≥ 100 ns
tV
≥ 1 µs
(1) PS
= L (power saving mode) at Power-ON
(2) Set serial data at least 1
µs after the power supply becomes stable (VCC ≥ 2.2 V) .
(3) Release power saving mode (PSIF, PSRF : “L”
→ “H”) at least 100 ns later after setting serial data.


Similar Part No. - MB15F74ULPVA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F74UV FUJITSU-MB15F74UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F74UV FUJITSU-MB15F74UV Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UVPVB FUJITSU-MB15F74UVPVB Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F74ULPVA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com