Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F74ULPVA Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB15F74ULPVA
Description  Dual Serial Input PLL Frequency Synthesizer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F74ULPVA Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB15F74ULPVA Datasheet HTML 6Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 7Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 8Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 9Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 10Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 11Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 12Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 13Page - Fujitsu Component Limited. MB15F74ULPVA Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MB15F74UL
10
Prescaler Data Setting
• Charge Pump Current Setting
LD/fout output Selectable Bit Setting
Phase Comparator Phase Switching Data Setting
Z : High-impedance
Depending upon the VCO and LPF polarity, FC bit should be set.
Divide ratio
SW
==== “H”
SW
==== “L”
Prescaler divide ratio IF-PLL
32/33
64/65
Prescaler divide ratio RF-PLL
64/65
128/129
Current value
CS
±6.0 mA
1
±1.5 mA
0
LD/fout pin state
LDS
T1
T2
LD output
000
010
011
fout
output
frIF
100
frRF
110
fpIF
101
fpRF
111
Phase comparator input
FCIF, RF
==== “H”
FCIF, RF
==== “L”
DoIF, RF
DoIF, RF
fr
> fp
H
L
fr
< fp
L
H
fr
= fp
Z
Z
(1)
(2)
(1) VCO polarity FC
= “H”
(2) VCO polarity FC
= “L”
Note : Give attention to the polarity for using active type LPF.
VCO Output
Frequency
High
LPF Output voltage
Max


Similar Part No. - MB15F74ULPVA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F74UV FUJITSU-MB15F74UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F74UV FUJITSU-MB15F74UV Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UVPVB FUJITSU-MB15F74UVPVB Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F74ULPVA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com