Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8559ETA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8559ETA
Description  Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8559ETA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8559ETA Datasheet HTML 4Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 8Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 9Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 10Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 11Page - Maxim Integrated Products MAX8559ETA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Load-Transient Considerations
The MAX8559 load-transient response graphs (see the
Typical Operating Characteristics) show two compo-
nents of the output response: a DC shift in the output
voltage due to the different load currents and the tran-
sient response. Typical overshoot for step changes in
the load current from 10µA to 100mA is 15mV. Increase
the output capacitor’s value and decrease its ESR to
attenuate transient spikes.
Dropout Voltage
A regulator’s minimum input-output voltage differential
(or dropout voltage) determines the lowest usable sup-
ply voltage. In battery-powered systems, this determines
the useful end-of-life battery voltage. Because the
MAX8559 uses an internal P-channel MOSFET pass
transistor, its dropout voltage is a function of the drain-
to-source on-resistance (RDS(ON)) multiplied by the load
current (see the Typical Operating Characteristics).
Calculating the Maximum Output Power
in UCSP
The maximum output power of the MAX8559 is limited
by the maximum power dissipation of the package. By
calculating the power dissipation of the package as a
function of the input voltage, output voltages, and out-
put currents, the maximum input voltage can be
obtained. The maximum power dissipation should not
exceed the package’s maximum power rating.
P = (VIN(MAX) - VOUTA) x IOUTA
+ (VIN(MAX) - VOUTB) x IOUTB
where:
VIN(MAX) = maximum input voltage
PMAX = maximum power dissipation of the package
(379mW for the UCSP and 1951mW for the TDFN)
VOUTA = output voltage of OUTA
VOUTB = output voltage of OUTB
IOUTA = maximum output current of OUTA
IOUTB = maximum output current of OUTB
P should be less than PMAX. If P is greater than PMAX,
consider the TDFN.
Layout Guidelines
Due to the low output noise and tight output voltage
accuracy required by most applications, careful PC
board
layout
is
required.
An
evaluation
kit
(MAX8559EVKIT) is available to speed design.
Follow these guidelines for good PC board layout:
• Keep the input and output paths short and wide if
possible, especially at the ground terminals.
• Use thick copper PC boards (2oz vs. 1oz) to
enhance thermal capabilities.
• Place output, input, and bypass capacitors as close
as possible to the IC.
• Ensure traces to BP and the BP capacitor are away
from noisy sources to ensure low output voltage noise.
Dual, 300mA, Low-Noise Linear Regulator
with Independent Shutdown in UCSP or TDFN
8
_______________________________________________________________________________________


Similar Part No. - MAX8559ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559ETAXY+T MAXIM-MAX8559ETAXY+T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559ETAXY-T MAXIM-MAX8559ETAXY-T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
More results

Similar Description - MAX8559ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com