Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7383AXVB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7383AXVB
Description  Silicon Oscillator with Low-Power Frequency Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXVB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7383AXVB Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXVB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silicon Oscillator with Low-Power
Frequency Switching
_______________________________________________________________________________________
5
CHANNEL 1 = CLOCK, CHANNEL 2 = SPEED
40ns/div
HIGH-SPEED TO LOW-SPEED
TRANSITION (DETAIL ZOOM)
MAX7383 toc13
CHANNEL 1 = CLOCK, CHANNEL 2 = SPEED
10
µs/div
LOW-SPEED TO HIGH-SPEED
TRANSITION
MAX7383 toc14
CHANNEL 1 = CLOCK, CHANNEL 2 = SPEED
100ns/div
LOW-SPEED TO HIGH-SPEED
TRANSITION (DETAIL ZOOM)
MAX7383 toc15
Typical Operating Characteristics (continued)
(VCC = VL = 5V, TA = +25°C, frequency = 10MHz, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
CLOCK
Push-Pull Clock Output
2
GND
Ground
3
SPEED
Clock Speed Select Input. Drive SPEED low to select the 32kHz fixed frequency. Drive SPEED high to
select the factory-trimmed frequency.
4VCC
Positive Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
5
E.C.
Externally Connected. Connect to Vcc.


Similar Part No. - MAX7383AXVB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR106-T MAXIM-MAX7381AXR106-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR126-T MAXIM-MAX7381AXR126-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR146-T MAXIM-MAX7381AXR146-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR166-T MAXIM-MAX7381AXR166-T Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
More results

Similar Description - MAX7383AXVB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com