Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMSRO-7815-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMSRO-7815-NZ
Description  Up to7.5Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRO-7815-NZ Datasheet(HTML) 2 Page - AIMTEC

  AMSRO-7815-NZ Datasheet HTML 1Page - AIMTEC AMSRO-7815-NZ Datasheet HTML 2Page - AIMTEC AMSRO-7815-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AMSRO-78-NZ
Up to7.5Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.J
2 of 3
North America only
Safety Specifications
Parameters
Approvals
UL
Standards
IEC/EN/UL60950-1
EN55022, Class B (with recommended circuit)
IEC61000-4-2 (ESD): Contact ±4KV, Perf. Criteria B
IEC61000-4-3 (Radiation Immunity): 10V/m, Perf. Criteria A
IEC61000-4-4 (EFT): ±1KV, Perf. Criteria B (with recommended circuit)
IEC61000-4-6 (CDI): 3Vrms, Perf: Criteria A
Pin Out Specifications
Dimensions
Pin
Positive
Negative
1
+V Input
+V Input
2
Ground
-V Output
3
+V Output
Ground
Derating
Free Air Convection
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
71 C
º
Standard Application circuit
– positive output
10.00
(0.39)
Front
view
1
2.54
(0.10)
0.64
(0.03)
Right
view
1.80
(0.07)
0.64
(0.03)
5.40
(0.21)
2
3
1 2 3
DIV: 2.54 (0.1)
Ø1.20
(Ø0.05)
Dimensions are typical values: mm (inch)
General Tolerance: ± 0.50 (± 0.02)
Pin Tolerance: ± 0.10 (± 0.004)
AMSRO-78-NZ
C1
+Vin
GND
C2
+Vout
GND
10uF
22uF
1
2
3
+
+


Similar Part No. - AMSRO-7815-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRO-7815-NZ AIMTEC-AMSRO-7815-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
More results

Similar Description - AMSRO-7815-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRO-78-NZ AIMTEC-AMSRO-78-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_16 Datasheet
279Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRO1-78-NZ AIMTEC-AMSRO1-78-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-783.3-NZ AIMTEC-AMSRI1-783.3-NZ Datasheet
492Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSRO1-783.3-NZ AIMTEC-AMSRO1-783.3-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSR-78Z AIMTEC-AMSR-78Z_16 Datasheet
164Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com