Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8876A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8876A
Description  Dual Channel PWM Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8876A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8876A Datasheet HTML 5Page - Richtek Technology Corporation RT8876A Datasheet HTML 6Page - Richtek Technology Corporation RT8876A Datasheet HTML 7Page - Richtek Technology Corporation RT8876A Datasheet HTML 8Page - Richtek Technology Corporation RT8876A Datasheet HTML 9Page - Richtek Technology Corporation RT8876A Datasheet HTML 10Page - Richtek Technology Corporation RT8876A Datasheet HTML 11Page - Richtek Technology Corporation RT8876A Datasheet HTML 12Page - Richtek Technology Corporation RT8876A Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
RT8876A
9
DS8876A-03
January 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Hex
Voltage (V)
0
1
1
1
1
0
1
0
7
A
0.855
0
1
1
1
1
0
1
1
7
B
0.860
0
1
1
1
1
1
0
0
7
C
0.865
0
1
1
1
1
1
0
1
7
D
0.870
0
1
1
1
1
1
1
0
7
E
0.875
0
1
1
1
1
1
1
1
7
F
0.880
1
0
0
0
0
0
0
0
8
0
0.885
1
0
0
0
0
0
0
1
8
1
0.890
1
0
0
0
0
0
1
0
8
2
0.895
1
0
0
0
0
0
1
1
8
3
0.900
1
0
0
0
0
1
0
0
8
4
0.905
1
0
0
0
0
1
0
1
8
5
0.910
1
0
0
0
0
1
1
0
8
6
0.915
1
0
0
0
0
1
1
1
8
7
0.920
1
0
0
0
1
0
0
0
8
8
0.925
1
0
0
0
1
0
0
1
8
9
0.930
1
0
0
0
1
0
1
0
8
A
0.935
1
0
0
0
1
0
1
1
8
B
0.940
1
0
0
0
1
1
0
0
8
C
0.945
1
0
0
0
1
1
0
1
8
D
0.950
1
0
0
0
1
1
1
0
8
E
0.955
1
0
0
0
1
1
1
1
8
F
0.960
1
0
0
1
0
0
0
0
9
0
0.965
1
0
0
1
0
0
0
1
9
1
0.970
1
0
0
1
0
0
1
0
9
2
0.975
1
0
0
1
0
0
1
1
9
3
0.980
1
0
0
1
0
1
0
0
9
4
0.985
1
0
0
1
0
1
0
1
9
5
0.990
1
0
0
1
0
1
1
0
9
6
0.995
1
0
0
1
0
1
1
1
9
7
1.000
1
0
0
1
1
0
0
0
9
8
1.005
1
0
0
1
1
0
0
1
9
9
1.010
1
0
0
1
1
0
1
0
9
A
1.015
1
0
0
1
1
0
1
1
9
B
1.020
1
0
0
1
1
1
0
0
9
C
1.025
1
0
0
1
1
1
0
1
9
D
1.030
1
0
0
1
1
1
1
0
9
E
1.035
1
0
0
1
1
1
1
1
9
F
1.040
1
0
1
0
0
0
0
0
A
0
1.045
1
0
1
0
0
0
0
1
A
1
1.050
1
0
1
0
0
0
1
0
A
2
1.055


Similar Part No. - RT8876A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8876A RICHTEK-RT8876A Datasheet
695Kb / 50P
   Dual Channel PWM Controller with 3/2/1 Phase for CORE VR and Single Phase for AXG VR
More results

Similar Description - RT8876A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
   Dual Channel PWM Controller
logo
Richtek Technology Corp...
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
   Dual Channel PWM Controller
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
   Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
   MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
   MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
   Monolithic Dual Channel PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
   Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
   Dual PWM CCFL Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com