Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8175AGQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8175AGQW
Description  Single-Phase Controller with Integrated Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8175AGQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8175AGQW Datasheet HTML 1Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 2Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 3Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 4Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 5Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 6Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 7Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 8Page - Richtek Technology Corporation RT8175AGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
RT8175A
2
DS8175A-02 September 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configurations
WQFN-32L 4x4
(TOP VIEW)
Pin No.
Pin Name
Pin Function
1
VREF
Fixed 0.6V Output Reference Voltage. This voltage is only used to offset the
output voltage of the IMON pin. Between this pin and GND must be placed a
exact 0.47
F decoupling capacitor.
2
COMP
CORE VR Compensation Node. This pin is the output node of the error
amplifier.
3
FB
CORE VR Feedback Voltage Input. This pin is the negative input node of the
error amplifier.
4
VSEN
CORE VR Voltage Sense Input. This pin is connected to the terminal of CORE
VR output voltage.
5
RGND
Return Ground for CORE VR. This pin is the negative node of the differential
remote voltage sensing.
6
VCC
Supply Voltage Input. Connect this pin to GND via a ceramic capacitor larger
than 2.2
F. The decoupling capacitor should be placed as close to the
controller as possible. If the ripple of voltage source is large, RC low pass filter
is recommended. (R = 20
, C = 2.2F)
7
SET1
1st Platform Setting. Platform can use this to set DVID compensation time,
RSET, DVID compensation width and OCS.
8
SET2
2nd Platform Setting. Platform can use this to set ICCMAX, QRTH and
QRWIDTH.
9
SET3
3rd Platform Setting. Platform can use this to set zero load-line, anti-overshoot,
ADDR, switching frequency range, shrink TON at PS2 and PS3 and ZCD
threshold voltage.
10
IBIAS
Internal Bias Current Setting. Connecting this pin to GND by a 100k resistor
can set the internal current. Do not connect this pin to GND by a bypass
capacitor.
11
TSEN
Thermal Sense Input of CORE VR.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
VREF
VSEN
FB
COMP
DRV_EN
PVCC
PHASE
VCC
RGND
PGND
SET1
DRV_EN
SET2
VR_READY
33
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
GND
LGATE
BOOT
Package Type
QW : WQFN-32L 4x4 (W-Type)
RT8175A
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8175AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8170A RICHTEK-RT8170A Datasheet
630Kb / 45P
   Single-Phase Controller with Integrated Driver
RT8170AGQW RICHTEK-RT8170AGQW Datasheet
630Kb / 45P
   Single-Phase Controller with Integrated Driver
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
   Dual Single-Phase PWM Controller
RT8172AGQW RICHTEK-RT8172AGQW Datasheet
494Kb / 40P
   Dual Single-Phase PWM Controller
More results

Similar Description - RT8175AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8170A RICHTEK-RT8170A Datasheet
630Kb / 45P
   Single-Phase Controller with Integrated Driver
logo
Renesas Technology Corp
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Monolithic Power System...
MP9518 MPS-MP9518 Datasheet
607Kb / 14P
   Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
Renesas Technology Corp
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
logo
Intersil Corporation
ISL68200 INTERSIL-ISL68200 Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
logo
Monolithic Power System...
MP6517 MPS-MP6517 Datasheet
515Kb / 19P
   Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
   2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com