Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5946 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5946
Description  Dual PCI Express, Hot-Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5946 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5946 Datasheet HTML 7Page - Maxim Integrated Products MAX5946 Datasheet HTML 8Page - Maxim Integrated Products MAX5946 Datasheet HTML 9Page - Maxim Integrated Products MAX5946 Datasheet HTML 10Page - Maxim Integrated Products MAX5946 Datasheet HTML 11Page - Maxim Integrated Products MAX5946 Datasheet HTML 12Page - Maxim Integrated Products MAX5946 Datasheet HTML 13Page - Maxim Integrated Products MAX5946 Datasheet HTML 14Page - Maxim Integrated Products MAX5946 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Dual PCI Express, Hot-Plug
Controller
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(V12VIN = V12SA+ = 12V, V3.3VAUXIN = V3.3S_+ = VON_ = VAUXON_ = VINPUT_ = 3.3V, PRES-DET_ = GND, FON_ = PORADJ = TIM =
float, FAULT_ = 10kΩ to 3.3VAUXIN, PWRGDA = 10kΩ to 3.3VAUXO_, TA = +25°C, unless otherwise noted, see the Typical
Application Circuit.)
DEBOUNCED ON/OFF OPERATION
MAX5946 toc40
INPUT_
2V/div
10ms/div
OUTPUT_
2V/div
POWER-ON-RESET TIME
vs. PORADJ RESISTOR
RPORADJ (kΩ)
900
800
600 700
200 300 400 500
100
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
0
01000
tFAULT TIME DELAY vs. TIM RESISTOR
RTIM (kΩ)
900
800
600 700
200 300 400 500
100
20
40
60
80
100
120
140
160
180
200
0
01000


Similar Part No. - MAX5946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946LEVCMODU MAXIM-MAX5946LEVCMODU Datasheet
685Kb / 13P
   Independent Output Controls for Each Channel
Rev 0; 1/05
MAX5946LEVKIT MAXIM-MAX5946LEVKIT Datasheet
685Kb / 13P
   Independent Output Controls for Each Channel
Rev 0; 1/05
More results

Similar Description - MAX5946

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
   Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Analog Devices
ADM1014 AD-ADM1014_15 Datasheet
166Kb / 12P
   Dual PCI Hot-Plug Controller
REV. PrN 1/02
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com