Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3861E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3861E
Description  2.7Gbps Post Amp with Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3861E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3861E Datasheet HTML 4Page - Maxim Integrated Products MAX3861E Datasheet HTML 5Page - Maxim Integrated Products MAX3861E Datasheet HTML 6Page - Maxim Integrated Products MAX3861E Datasheet HTML 7Page - Maxim Integrated Products MAX3861E Datasheet HTML 8Page - Maxim Integrated Products MAX3861E Datasheet HTML 9Page - Maxim Integrated Products MAX3861E Datasheet HTML 10Page - Maxim Integrated Products MAX3861E Datasheet HTML 11Page - Maxim Integrated Products MAX3861E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Select the Coupling Capacitors
When AC-coupling is desired, coupling capacitors CIN
and COUT should be selected to minimize the receiv-
er’s deterministic jitter. Jitter is decreased as the input
low-frequency cutoff (fIN) is decreased.
For ATM/SONET or other applications using scrambled
NRZ data, select (CIN, COUT)
≥ 0.1µF, which provides
fIN < 32kHz. For Fibre Channel, Gigabit Ethernet, or
other applications using 8B/10B data coding, select
(CIN, COUT)
≥ 0.01µF, which provides fIN <320kHz.
Setting the Offset-Cancellation Loop Time
Constant for Input Signal Detection
Circuitry (Selecting CCD)
The capacitor between CD+ and CD- determines the
time constant of the input signal detection DC offset-
cancellation loop. A value of 0.1µF for CCD provides a
low-frequency cutoff (fC) below 10kHz. If a lower cutoff
frequency is desired, 0.22µF gives fC = 4.5kHz and
0.47µF gives fC = 2.1kHz. To guarantee stable opera-
tion, a capacitor of less than 0.01µF should not be used.
Setting the Offset-Cancellation Loop Time
Constant for the Main Signal Path
(Selecting CCZ)
The capacitor between CZ+ and CZ- determines the
time constant of the signal path DC offset-cancellation
loop. To maintain stability, it is important to keep a one-
decade separation between fIN and the low-frequency
cutoff (fOC) associated with the DC offset-cancellation
circuit. For SONET applications, fIN < 32kHz, so
fOCMAX < 3.2kHz. Therefore, CCZ = 0.22µF (fOC =
2.99kHz), CCZ = 0.47µF (fOC = 1.4kHz), or a greater
value may be used.To guarantee stable operation, a
capacitor of less than 0.01µF should not be used.
Setting the Automatic Gain-Control Loop
Time Constant (Selecting CCG)
The automatic gain-control loop time constant is deter-
mined by the external capacitor connected between CG+
and CG-. A value of at least 0.0022µF is recommended
Programming the Output Amplitude
(Programming the SC Pin)
Output amplitude can be programmed from 400mVP-P
to 920mVP-P by applying a voltage to the SC pin. See
Output Signal Amplitude vs SC Pin Voltage in the
Typical Operating Characteristics.
Applications Information
Wire Bonding Die
For high current density and reliable operation, the
MAX3861 uses gold metallization. Make connections to
the dice with gold wire only, and use ball-bonding tech-
niques (wedge bonding is not recommended). The
MAX3861 has two types of bond pads: the dimensions
for square bondpads are 94.4 microns by 94.4 microns;
the dimensions for the octagonal bondpads are 33.6
microns per side. Die thickness is 12mils (0.305mm).
f
C
IN
IN
=
()( )
[]
1
250
π
2.7Gbps Post Amp with Automatic Gain Control
8
_______________________________________________________________________________________


Similar Part No. - MAX3861E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863E/D MAXIM-MAX3863E/D Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
logo
List of Unclassifed Man...
MAX3863EGJ ETC-MAX3863EGJ Datasheet
65Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
More results

Similar Description - MAX3861E

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
logo
LSI Computer Systems
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
   TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
logo
Panasonic Semiconductor
AN5285K PANASONIC-AN5285K Datasheet
57Kb / 5P
   Sound level automatic gain control IC
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com