Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3190EUT-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3190EUT-T
Description  ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3190EUT-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3190EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX3190EUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
±15kV ESD-Protected, 460kbps,
RS-232 Transmitters in SOT23-6
_______________________________________________________________________________________
7
Chip Information
TRANSISTOR COUNT: 75
PROCESS: CMOS
Table 2. ±15kV ESD-Protected RS-232
Devices with Internal Unregulated Charge
Pumps of ±10V (typical)
PART NUMBER
NO. OF TX/RX
DATA RATE
(kbps)
MAX202E
2/2
64
MAX203E
2/2
120
MAX205E
5/5
120
MAX206E
4/3
120
MAX207E
5/3
120
MAX208E
4/4
120
MAX211E
4/5
120
MAX213E
4/5
120
MAX221E
1/1
250
MAX241E
4/5
120
Table 1. RS-232 Devices with Internal
Unregulated Charge Pumps of ±10V
(typical)
PART NUMBER
NO. OF TX/RX
DATA RATE
(kbps)
MAX200
5/0
120
MAX201
2/2
120
MAX202
2/2
64
MAX203
2/2
120
MAX204
4/0
120
MAX205
5/5
120
MAX206
4/3
120
MAX207
5/3
120
MAX208
4/4
120
MAX209
3/5
120
MAX211
4/5
120
MAX213
4/5
120
MAX220
2/2
120
MAX221
1/1
250
MAX222
2/2
200
MAX223
4/5
120
MAX225
5/5
120
MAX230
5/0
120
MAX231
2/2
120
MAX232
2/2
120
MAX232A
2/2
200
MAX233A
2/2
200
MAX233
2/2
120
MAX234
4/0
120
MAX235
5/5
120
MAX236
4/3
120
MAX237
5/3
120
MAX238
4/4
120
MAX239
3/5
120
MAX240
5/5
120
MAX241
4/5
120
MAX242
2/2
200
MAX243
2/2
200
MAX244
8/10
120
MAX248
8/8
120
MAX249
6/10
120


Similar Part No. - MAX3190EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX319 MAXIM-MAX319 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
MAX31910 MAXIM-MAX31910 Datasheet
766Kb / 16P
   Translator/Serializer
Rev 3; 7/14
MAX31910 MAXIM-MAX31910 Datasheet
1Mb / 13P
   Easy Evaluation of the MAX31910 and MAX31911
19-6443; Rev 0; 9/12
MAX31910 MAXIM-MAX31910 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
MAX31910AUI++ MAXIM-MAX31910AUI+ Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
More results

Similar Description - MAX3190EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3188E MAXIM-MAX3188E Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com