Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1874ETE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1874ETE
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1874ETE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1874ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 9Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 10Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 11Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 12Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 13Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed Description
The MAX1874 charges a single-cell Li+ battery from
either USB power sources or AC adapter sources. It
contains a complete two-input linear charger that controls
both battery charge current and voltage. In addition to
all charging functions, the MAX1874 includes voltage-
sensing and switchover circuitry that selects the active
input source. When both inputs are active, priority is
given to the AC adapter (DC). Charging current is regu-
lated with on-chip power MOSFETs, so no external
MOSFETs are required for a basic two-input charger.
Additional features such as input-voltage protection and
battery-load switching can be added with external
MOSFETs that are driven directly from MAX1874 outputs.
The MAX1874 also features a thermal regulation loop
that adjusts charging current so the die temperature
remains below +105°C. See the Package Thermal
Limiting section. This on-chip thermal control simplifies
PC board layout and allows the optimum charging rate
to be set without the thermal limits imposed by worst-
case battery and input voltage. When the MAX1874
thermal limit is reached, the charger does not shut
down but reduces charging current.
In addition to, and separate from, its internal die tem-
perature control, the MAX1874 can also monitor ambi-
ent or cell temperature with an external thermistor
connected to THRM. When the thermistor temperature
is out of range (greater than +50°C or less than 0°C),
charging stops until the temperature returns to normal.
See the External Thermistor Monitor (THRM) section.
Other features include a CHG output to indicate battery
full (when charge current tapers to a percentage of
fast-charge current). DCOK, UOK, and power-on (PON)
outputs indicate when valid power is present. These
outputs can drive overvoltage protection and power
selection MOSFETs (Figures 3, 4, and 5).
When charging is stopped or input power is removed,
battery leakage is typically 5µA. No input blocking
diodes are required to prevent battery drain.
With USB power connected, but without power at the
DC input, charge current can be set to either 500mA or
100mA through the USEL input. When power is taken
from the DC input, charge current is linearly set by the
voltage at DCI. The MAX1874 charge current can also
be DAC controlled with the output of a DAC connected
to DCI. See the Charging Current section.
Enable (EN)
The enable input, EN, switches the MAX1874 on or off.
With EN high, the MAX1874 is on and can begin charg-
ing. When EN is low, UOK, DCOK, PON, and REF remain
active. Charging stops when EN is low, but the chip
remains biased and continues to draw current from the
input supplies so power-monitoring outputs can remain
valid.
USB-to-Adapter Power Handoff
The MAX1874 can charge from either the USB input or
the DC input. It cannot charge from both sources at the
same time. The IC automatically selects the active input
and charges from that. If both power sources are
active, the adapter input (DC) takes precedence. Table
1 describes the switchover between DC and USB.
DC serves as the sense input for the adapter power
source. This input senses when DC is above 6.2V (maxi-
mum range is 18V) or below 4V. When it senses the DC
source is above 6.2V, DCOK goes high, indicating an
invalid DC input. See the DC Power-OK (DCOK) section.
When power is connected to DC, the MAX1874 requires
20ms to validate the input. Consequently, charging is
interrupted for 20ms until it is determined that input
power is good. Also, when DC power is removed while
valid USB power is present, charging is interrupted for
20ms before transferring to the USB source.
DC Power-OK (
DCOK)
DCOK is an active-low, open-drain output that goes low
when VDC is below 6.2V or above 3.5V. DCOK can be
used as a logic output, but is also designed to drive an
external MOSFET (Q2 in Figures 3, 4, and 5). This allows
the charger to protect the input from overvoltage up to
18V. Charging is disabled for inputs over 6.2V. An exter-
nal 1k
Ω pullup resistor keeps DCOK high (external
MOSFET off) until it is certain the voltage is within the
Dual-Input, USB/AC Adapter, 1-Cell
Li+ Charger with OVP and Thermal Regulation
10
______________________________________________________________________________________
VDC > 18V OR VUSB > 6.5V
4V < VDC < 6.2V AND
0 < VUSB < 6.5V
4V < VUSB < 6.5V AND
VDC < 4V OR VDC > 6.2V
VDC < 4V OR VDC >
6.2V, AND VUSB < 4V
Exceeds operating input
range. Not allowed. See the
Absolute Maximum Ratings
section.
DCLV powers device
and supplies charging
current.
1)
USB powers device and supplies charging
current.
2)
DCLV disconnected from DC source through
external MOSFET (Q2 Figures 3, 4, and 5).
No charging
Table 1. USB and DC Input Selection
Note: VDC takes precedence when both inputs are valid.


Similar Part No. - MAX1874ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874ETE MAXIM-MAX1874ETE Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
More results

Similar Description - MAX1874ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
   1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com